Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF124-FR-13ORL Datasheet(PDF) 5 Page - YAGEO Corporation

Part # AF124-FR-13ORL
Description  ANTI-SULFURATED CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF124-FR-13ORL Datasheet(HTML) 5 Page - YAGEO Corporation

  AF124-FR-13ORL Datasheet HTML 1Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 2Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 3Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 4Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 5Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 6Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 7Page - YAGEO Corporation AF124-FR-13ORL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SERIES
AF
122/124/162/164 (RoHS Compliant)
Chip Resistor Surface Mount
Product specification
5
8
www.yageo.com
Jun. 28, 2016 V.4
Fig. 7 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
AF122 / AF124 / AF162 / AF164 rated power at
70 °C is 1/16 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=
R)
X
(P
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (Ω)


Similar Part No. - AF124-FR-13ORL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF124-FR-130RL YAGEO-AF124-FR-130RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-13100RL YAGEO-AF124-FR-13100RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-13100RL YAGEO-AF124-FR-13100RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-1310RL YAGEO-AF124-FR-1310RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF124-FR-1310RL YAGEO-AF124-FR-1310RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF124-FR-13ORL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com