Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127XMPL6R3MG19H Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 127XMPL6R3MG19H
Description  Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127XMPL6R3MG19H Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  127XMPL6R3MG19H Datasheet HTML 1Page - Illinois Capacitor, Inc. 127XMPL6R3MG19H Datasheet HTML 2Page - Illinois Capacitor, Inc. 127XMPL6R3MG19H Datasheet HTML 3Page - Illinois Capacitor, Inc. 127XMPL6R3MG19H Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
220
4
227XMPL004MG28R 0.4521
7
88
3
7.3x4.3x2.8
220
4
227XMPL004MG28X 0.4521
9
88
3
7.3x4.3x2.8
220
4
227XMPL004MG19H 0.4521
12
88
3
7.3x4.3x1.9
220
4
227XMPL004MG19R 0.4521
7
88
3
7.3x4.3x1.9
220
4
227XMPL004MG19X 0.4521
9
88
3
7.3x4.3x1.9
220
4
227XMPL004MG28H 0.4521
12
88
3
7.3x4.3x2.8
220
6.3
227XMPL6R3MG19
0.4521
10
138.6
3
7.3x4.3x1.9
220
6.3
227XMPL6R3MG28
0.4521
15
138.6
3
7.3x4.3x2.8
270
2
277XMPL002MG19H 0.3684
12
54
3
7.3x4.3x1.9
270
2
277XMPL002MG19R 0.3684
6
54
3
7.3x4.3x1.9
270
2
277XMPL002MG19X 0.3684
9
54
3
7.3x4.3x1.9
270
2.5
277XMPL2R5MG28R 0.3684
7
67.5
3
7.3x4.3x2.8
270
2.5
277XMPL2R5MG28X 0.3684
9
67.5
3
7.3x4.3x2.8
270
2.5
277XMPL2R5MG19X 0.3684
9
67.5
3
7.3x4.3x1.9
270
2.5
277XMPL2R5MG28H 0.3684
12
67.5
3
7.3x4.3x2.8
270
2.5
277XMPL2R5MG19H 0.3684
12
67.5
3
7.3x4.3x1.9
270
2.5
277XMPL2R5MG19R 0.3684
7
67.5
3
7.3x4.3x1.9
270
4
277XMPL004MG19R 0.3684
7
108
2.7
7.3x4.3x1.9
270
4
277XMPL004MG19X 0.3684
9
108
2.7
7.3x4.3x1.9
270
4
277XMPL004MG19H 0.3684
12
108
2.7
7.3x4.3x1.9
330
2
337XMPL002MG28H 0.3014
12
66
3
7.3x4.3x2.8
330
2
337XMPL002MG28A 0.3014
4.5
66
3
7.3x4.3x2.8
330
2
337XMPL002MG19A 0.3014
4.5
66
3
7.3x4.3x1.9
330
2
337XMPL002MG19R 0.3014
6
66
3
7.3x4.3x1.9
330
2
337XMPL002MG19H 0.3014
12
66
3
7.3x4.3x1.9
330
2
337XMPL002MG28R 0.3014
6
66
3
7.3x4.3x2.8
330
2
337XMPL002MG28X 0.3014
9
66
3
7.3x4.3x2.8
330
2
337XMPL002MG19X 0.3014
9
66
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19A 0.3014
4.5
82.5
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19R 0.3014
6
82.5
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19X 0.3014
9
82.5
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19H 0.3014
12
82.5
3
7.3x4.3x1.9
330
4
337XMPL004YG19X
0.3014
9
132
2.7
7.3x4.3x1.9
330
4
337XMPL004YG19R
0.3014
7
132
2.7
7.3x4.3x1.9
330
4
337XMPL004YG19H
0.3014
12
132
2.7
7.3x4.3x1.9
330
6.3
337XMPL6R3YG19
0.3014
10
207.9
3
7.3x4.3x1.9
330
6.3
337XMPL6R3YG28
0.3014
10
207.9
3
7.3x4.3x2.8
390
2
397XMPL002MG19X 0.2551
9
78
3
7.3x4.3x1.9
390
2
397XMPL002MG19R 0.2551
6
78
3
7.3x4.3x1.9
390
2
397XMPL002MG19A 0.2551
4.5
78
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19R 0.2551
6
97.5
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19X 0.2551
9
97.5
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19H 0.2551
12
97.5
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19A 0.2551
4.5
97.5
3
7.3x4.3x1.9
470
2
477XMPL002MG19X 0.2116
9
94
3
7.3x4.3x1.9
470
2
477XMPL002MG28A 0.2116
4.5
94
3
7.3x4.3x2.8
470
2
477XMPL002MG28X 0.2116
9
94
3
7.3x4.3x2.8
470
2
477XMPL002MG28R 0.2116
6
94
3
7.3x4.3x2.8
470
2
477XMPL002MG19A 0.2116
4.5
94
3
7.3x4.3x1.9
470
2
477XMPL002MG19R 0.2116
6
94
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG19R
0.2116
6
117.5
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG28A
0.2116
4.5
117.5
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG19X
0.2116
9
117.5
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG28H 0.2116
12
117.5
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG28R
0.2116
6
117.5
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG28X
0.2116
9
117.5
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG19A
0.2116
4.5
117.5
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG19H 0.2116
12
117.5
3
7.3x4.3x1.9


Similar Part No. - 127XMPL6R3MG19H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127XMPL6R3MG19H ILLINOISCAPACITOR-127XMPL6R3MG19H Datasheet
256Kb / 5P
   SMD Solid Conductive (multilayer-type)
127XMPL6R3MG19H ILLINOISCAPACITOR-127XMPL6R3MG19H Datasheet
382Kb / 4P
   Decoupling . Noise Suppression
127XMPL6R3MG19H ILLINOISCAPACITOR-127XMPL6R3MG19H Datasheet
117Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
127XMPL6R3MG19H ILLINOISCAPACITOR-127XMPL6R3MG19H Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
127XMPL6R3MG19H CDE-127XMPL6R3MG19H Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
More results

Similar Description - 127XMPL6R3MG19H

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com