Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227SML050M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 227SML050M
Description  Filtering ??Bypass ??Coupling ??Blocking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227SML050M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  227SML050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227SML050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227SML050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SML
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
100
35
107SML035M
2.321
120
6.3x7.7
100
50
107SML050M
1.99
200
8x10.5
100
50
107SML050MD10
1.99
250
10x10.5
100
63
107SML063M
1.99
280
10x10.5
150
4
157SML004M
3.868
84
6.3x5.4
150
10
157SML010M
2.653
88
6.3x5.4
150
16
157SML016M
2.21
135
6.3x7.7
150
35
157SML035MD8
1.547
220
8x10.5
220
4
227SML004M
2.64
110
6.3x5.4
220
6.3
227SML6R3M
2.11
91
6.3x5.8
220
10
227SML010M
1.8086
250
8x6.5
220
16
227SML016MD8
1.507
280
8x10.5
220
16
227SML016M
1.507
162
6.3x7.7
220
25
227SML025M
1.206
250
10x7.7
220
25
227SML025MD8
1.206
230
8x10.5
220
35
227SML035MD10
0.9
310
10x10.5
220
35
227SML035M
0.9
270
8x10.5
220
50
227SML050M
0.9043
320
10x10.5
330
6.3
337SML6R3M
1.407
188
6.3x7.7
330
6.3
337SML6R3MD8
1.407
190
8x6.2
330
25
337SML025MD10
0.7
340
10x10.5
330
25
337SML025M
0.7
270
8x10.5
330
35
337SML035M
0.703
360
10x10.5
470
4
477SML004M
1.24
150
6.3x7.7
470
6.3
477SML6R3M
0.9877
380
8x10.5
470
10
477SML010MD8
0.8466
390
8x10.5
470
16
477SML016MD10 0.7055
330
10x10.5
470
16
477SML016M
0.56
350
8x10.5
470
25
477SML025M
0.49
430
10x10.5
1000
4
108SML004MD8
0.58
300
8x10.5
1000
6.3
108SML6R3M
0.464
370
8x10.5
1000
10
108SML010M
0.398
580
10x10.5
1500
6.3
158SML6R3M
0.3095
750
10x10.5


Similar Part No. - 227SML050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227SML050M ILLINOISCAPACITOR-227SML050M Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
227SML050M ILLINOISCAPACITOR-227SML050M Datasheet
245Kb / 3P
   Standard 2000 hrs
227SML050M ILLINOISCAPACITOR-227SML050M Datasheet
239Kb / 3P
   Small size ??Low cost
227SML050M ILLINOISCAPACITOR-227SML050M Datasheet
124Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 227SML050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106RSS016M ILLINOISCAPACITOR-106RSS016M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
107RSS035M ILLINOISCAPACITOR-107RSS035M Datasheet
226Kb / 2P
   Coupling ??Blocking ??Bypass ??Filtering
106TTA035MSD ILLINOISCAPACITOR-106TTA035MSD Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
226TTA100M ILLINOISCAPACITOR-226TTA100M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
107AXZ050M ILLINOISCAPACITOR-107AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
logo
AVX Corporation
W3F45C2218AT1A AVX-W3F45C2218AT1A Datasheet
273Kb / 10P
   EMI Filtering, Broadband Filtering, LCD Filtering
W2F4 AVX-W2F4 Datasheet
212Kb / 10P
   Feedthru Filters, EMI Filtering, Broadband Filtering, LCD Filtering
logo
Solid States Devices, I...
1N7066FL SSDI-1N7066FL Datasheet
142Kb / 3P
   10 AMP SOLAR ARRAY BYPASS BLOCKING DIODE 100 - 200 VOLTS
logo
KEC(Korea Electronics)
PF0380UDF8 KEC-PF0380UDF8 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com