Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187XMPL6R3MG19 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 187XMPL6R3MG19
Description  Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

187XMPL6R3MG19 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  187XMPL6R3MG19 Datasheet HTML 1Page - Illinois Capacitor, Inc. 187XMPL6R3MG19 Datasheet HTML 2Page - Illinois Capacitor, Inc. 187XMPL6R3MG19 Datasheet HTML 3Page - Illinois Capacitor, Inc. 187XMPL6R3MG19 Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb-17
FEATURES
Small Size
Low Impedance Halogen Free Epoxy RoHS Compliant
Stable with Temperature, Applied Voltage and Frequency
APPLICATIONS
Decoupling
Noise Suppression
Operating
Temperature Range
-40°C to +105°C
Capacitance
Tolerance
+20% (M), -35% +10% (Y)
120 Hz, 20°C
Surge
Voltage
WVDC
2
2.5
4
6.3
10
12.5
16
SVDC
1.25*WVDC
Dissipation
Factor
WVDC
2
2.5
4
6.3
10
12.5
16
Tan
δ
.06
Leakage Current
(25°C) MAX
Time
<10 VDC
>12.5 VDC
2 Minutes
0.04CV
0.1CV
Load Life
1000 hours at 105°C with rated WVDC applied
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Leakage Current
<100% of maximum specified value
Moisture Resistance
Test
500 hours at 60°C and 90% relative Humidity with no voltage applied
Capacitance Change
<20% to +70% of initially measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Moisture Sensitivity
Level (MSL)
3
Case
size
EIA
Code
L+0.2
W+0.2
T+0.2
W1+0.1
S+0.3
G19
7343
7.3
4.3
1.9
2.4
1.3
G28
7343
7.3
4.3
2.8
2.4
1.3


Similar Part No. - 187XMPL6R3MG19

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
187XMPL6R3MG19 ILLINOISCAPACITOR-187XMPL6R3MG19 Datasheet
256Kb / 5P
   SMD Solid Conductive (multilayer-type)
187XMPL6R3MG19 ILLINOISCAPACITOR-187XMPL6R3MG19 Datasheet
382Kb / 4P
   Decoupling . Noise Suppression
187XMPL6R3MG19 ILLINOISCAPACITOR-187XMPL6R3MG19 Datasheet
117Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
187XMPL6R3MG19 ILLINOISCAPACITOR-187XMPL6R3MG19 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
187XMPL6R3MG19 CDE-187XMPL6R3MG19 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
More results

Similar Description - 187XMPL6R3MG19

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com