Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8502PDW100 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8502PDW100
Description  Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8502PDW100 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8502PDW100 Datasheet HTML 6Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 7Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 8Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 9Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 10Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 11Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 12Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 13Page - ON Semiconductor NCV8502PDW100 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCV8502 Series
http://onsemi.com
10
APPLICATION NOTES
Figure 16. Additional Output Current
NCV8502
VIN
VOUT
VADJ
C2
0.1
mF
VBAT
5.0 V
MJD31C
R1
294 k
R2
100 k
C1
47
mF
>1 Amp
Adding Capability
Figure 16 shows how the adjustable version of parts can
be used with an external pass transistor for additional current
capability. The setup as shown will provide greater than 1
Amp of output current.
FLAG MONITOR
Figure 17 shows the FLAG Monitor waveforms as a result
of the circuit depicted in Figure 14. As the output voltage
falls (VOUT), the Monitor threshold is crossed. This causes
the voltage on the FLAG output to go low sending a warning
signal to the microprocessor that a RESET signal may occur
in a short period of time. TWARNING is the time the
microprocessor has to complete the function it is currently
working on and get ready for the RESET shutdown signal.
Figure 17. FLAG Monitor Circuit Waveform
VOUT
MON
RESET
FLAG Monitor
Ref. Voltage
TWARNING
FLAG
Figure 18. Test and Application Circuit Showing
Output Compensation
VIN
VOUT
COUT**
10
mF
RRST
RESET
CIN*
0.1
mF
NCV8502
*CIN required if regulator is located far from the power supply filter
**COUT required for stability. Capacitor must operate at minimum
temperature expected
SETTING THE DELAY TIME
The delay time is controlled by the Reset Delay Low
Voltage, Delay Switching Threshold, and the Delay Charge
Current. The delay follows the equation:
tDELAY +
[CDELAY(Vdt * Reset Delay Low Voltage)]
Delay Charge Current
Example:
Using CDELAY = 33 nF.
Assume reset Delay Low Voltage = 0.
Use the typical value for Vdt = 1.8 V.
Use the typical value for Delay Charge Current = 2.5
mA.
tDELAY +
[33 nF(1.8
* 0)]
2.5
mA
+ 23.8 ms
STABILITY CONSIDERATIONS
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum or
aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause
instability. The aluminum electrolytic capacitor is the least
expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturers data sheet usually provides this information.
The value for the output capacitor COUT shown in Figure 18
should work for most applications, however it is not
necessarily the optimized solution.


Similar Part No. - NCV8502PDW100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502PDW100 ONSEMI-NCV8502PDW100 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502PDW100G ONSEMI-NCV8502PDW100G Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502PDW100G ONSEMI-NCV8502PDW100G Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8502PDW100R2 ONSEMI-NCV8502PDW100R2 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8502PDW100R2G ONSEMI-NCV8502PDW100R2G Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results

Similar Description - NCV8502PDW100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501_07 Datasheet
201Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
February, 2007 ??Rev. 26
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506 ONSEMI-NCV8506 Datasheet
75Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com