Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF122-FR-13XML Datasheet(PDF) 8 Page - YAGEO Corporation

Part # AF122-FR-13XML
Description  ANTI-SULFURATED CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AF122-FR-13XML Datasheet(HTML) 8 Page - YAGEO Corporation

  AF122-FR-13XML Datasheet HTML 1Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 2Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 3Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 4Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 5Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 6Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 7Page - YAGEO Corporation AF122-FR-13XML Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SERIES
AF
122/124/162/164 (RoHS Compliant)
Chip Resistor Surface Mount
Product specification
8
8
www.yageo.com
Jun. 28, 2016 V.4
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION DESCRIPTION
Version 4
Jun. 23, 2016
-
- AEC-Q200 qualified
Version 3
Nov. 17, 2015 -
- Add in AF162
Version 2
May 29,2015
-
- Add in AF164
Version 1
Aug. 15, 2014
-
- Update AF124 dimensions
Version 0
Oct. 02, 2013
-
- First issue of this specification


Similar Part No. - AF122-FR-13XML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122-FR-130RL YAGEO-AF122-FR-130RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-13100RL YAGEO-AF122-FR-13100RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-13100RL YAGEO-AF122-FR-13100RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-1310RL YAGEO-AF122-FR-1310RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-1310RL YAGEO-AF122-FR-1310RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF122-FR-13XML

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF0201DR-071R YAGEO-AF0201DR-071R Datasheet
876Kb / 9P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-071RL YAGEO-AF122-FR-071RL Datasheet
555Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
AF122-FR-070RL YAGEO-AF122-FR-070RL Datasheet
560Kb / 8P
   ANTI-SULFURATED CHIP RESISTORS
logo
Panasonic Semiconductor
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
   Anti-Sulfurated Thick Film Chip Resistors
logo
YAGEO Corporation
AA0805FR-1310ML YAGEO-AA0805FR-1310ML Datasheet
522Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com