Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-301U Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-301U
Description  High surge current capabilities
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-301U Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VS-301U Datasheet HTML 2Page - Vishay Siliconix VS-301U Datasheet HTML 3Page - Vishay Siliconix VS-301U Datasheet HTML 4Page - Vishay Siliconix VS-301U Datasheet HTML 5Page - Vishay Siliconix VS-301U Datasheet HTML 6Page - Vishay Siliconix VS-301U Datasheet HTML 7Page - Vishay Siliconix VS-301U Datasheet HTML 8Page - Vishay Siliconix VS-301U Datasheet HTML 9Page - Vishay Siliconix VS-301U Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VS-301U(R), VS-303U(R), VS-305U(R), VS-307U(R), VS-309U(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 13-May-15
6
Document Number: 93509
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Forward Voltage Drop Characteristics
Fig. 13 - Forward Voltage Drop Characteristics
Fig. 14 - Thermal Impedance ZthJC Characteristic
10
100
1000
10000
00.5
1
1.5
22.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
301U(R) Series
(1600V to 2000V)
T = 180°C
J
10
100
1000
10000
00.5
1
1.5
2
2.5
3
3.5
T = 25°C
J
Instantaneous Forward Voltage (V)
301U(R) Series (2500V)
T = 180°C
J
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
301U(R) Series
Steady State Value:
R
= 0.14 K/ W
(DC Operation)
thJC


Similar Part No. - VS-301U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-301U160 VISHAY-VS-301U160 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U200 VISHAY-VS-301U200 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301U250 VISHAY-VS-301U250 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301UA200 VISHAY-VS-301UA200 Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
VS-301UR VISHAY-VS-301UR Datasheet
407Kb / 12P
   Standard Recovery Diodes, (Stud Version), 300 A
01-Jan-2022
More results

Similar Description - VS-301U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
   High surge current capabilities
Revision: 25-Nov-13
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
   High voltage surge capabilities
logo
C&K Components
KMR7 CK-COMPONENTS-KMR7 Datasheet
175Kb / 2P
   Ultra low current capabilities
logo
Yea Shin Technology Co....
YSCKSD130DT4 YEASHIN-YSCKSD130DT4 Datasheet
812Kb / 3P
   HIGH CURRENT SURGE
logo
Sangdest Microelectroni...
SDURF10H60 SMC-SDURF10H60 Datasheet
168Kb / 6P
   High Surge Current Capability
logo
GeneSiC Semiconductor, ...
GBJ10J GENESIC-GBJ10J Datasheet
618Kb / 3P
   High surge current capability
logo
Vishay Siliconix
VS-ST303SP VISHAY-VS-ST303SP Datasheet
327Kb / 10P
   High surge current capability
Revision: 15-Mar-17
logo
DIYI Electronic Technol...
GBPC50005 DYELEC-GBPC50005 Datasheet
2Mb / 2P
   High surge current capability
RABF152 DYELEC-RABF152 Datasheet
2Mb / 2P
   High surge current capability
RABS152 DYELEC-RABS152 Datasheet
2Mb / 2P
   High surge current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com