Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337XMPL6R3YG19 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 337XMPL6R3YG19
Description  Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337XMPL6R3YG19 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  337XMPL6R3YG19 Datasheet HTML 1Page - Illinois Capacitor, Inc. 337XMPL6R3YG19 Datasheet HTML 2Page - Illinois Capacitor, Inc. 337XMPL6R3YG19 Datasheet HTML 3Page - Illinois Capacitor, Inc. 337XMPL6R3YG19 Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
6.8
16
685XMPL016MG19
14.6282
70
32.64
2
7.3x4.3x1.9
10
6.3
106XMPL6R3MG19
9.9472
40
6.3
1
7.3x4.3x1.9
10
10
106XMPL010MG19
9.9472
45
30
1
7.3x4.3x1.9
10
12
106XMPL012MG19
9.9472
55
37.5
1
7.3x4.3x1.9
10
16
106XMPL016MG19
9.9472
40
48
2
7.3x4.3x1.9
15
12
156XMPL012MG19
6.6315
45
56.25
1
7.3x4.3x1.9
15
16
156XMPL016MG19
6.6315
40
72
3
7.3x4.3x1.9
22
6.3
226XMPL6R3MG19
4.5214
35
13.86
1
7.3x4.3x1.9
22
10
226XMPL010MG19
4.5214
40
66
1.8
7.3x4.3x1.9
22
12
226XMPL012MG19
4.5214
30
82.5
1.8
7.3x4.3x1.9
22
16
226XMPL016MG19
4.5214
40
105.6
3
7.3x4.3x1.9
22
16
226XMPL016MG28
4.5214
40
105.6
3
7.3x4.3x2.8
33
6.3
336XMPL6R3MG19
3.0143
25
20.79
1.8
7.3x4.3x1.9
33
10
336XMPL010MG19
3.0143
40
99
2
7.3x4.3x1.9
33
12
336XMPL012MG28
3.0143
25
123.75
2
7.3x4.3x2.8
47
6.3
476XMPL6R3MG19
2.1164
25
29.61
1.8
7.3x4.3x1.9
47
10
476XMPL010MG19
2.1164
40
141
3
7.3x4.3x1.9
47
12
476XMPL012MG28
2.1164
20
176.25
2
7.3x4.3x2.8
68
4
686XMPL004MG19
1.4628
20
27.2
1.9
7.3x4.3x1.9
68
6.3
686XMPL6R3MG19
1.4628
15
42.84
2
7.3x4.3x1.9
68
10
686XMPL010MG28
1.4628
40
204
3
7.3x4.3x2.8
82
4
826XMPL004MG19
1.2131
9
32.8
3
7.3x4.3x1.9
100
2
107XMPL002MG19
0.9947
16
20
2
7.3x4.3x1.9
100
4
107XMPL004MG19
0.9947
9
40
3
7.3x4.3x1.9
100
6.3
107XMPL6R3MG19
0.9947
15
63
2.7
7.3x4.3x1.9
100
6.3
107XMPL6R3MG19H 0.9947
12
63
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19X 0.8289
9
75.6
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19
0.8289
15
75.6
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19H 0.8289
12
75.6
2.7
7.3x4.3x1.9
150
2
157XMPL002MG19
0.6631
9
30
3
7.3x4.3x1.9
150
2.5
157XMPL2R5MG28
0.6631
9
37.5
3
7.3x4.3x2.8
150
2.5
157XMPL2R5MG19
0.6631
9
37.5
3
7.3x4.3x1.9
150
4
157XMPL004MG19
0.6631
12
60
3
7.3x4.3x1.9
150
4
157XMPL004MG19R 0.6631
7
60
3
7.3x4.3x1.9
150
4
157XMPL004MG19X 0.6631
9
60
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG28
0.6631
15
94.5
3
7.3x4.3x2.8
150
6.3
157XMPL6R3MG28H 0.6631
12
94.5
3
7.3x4.3x2.8
150
6.3
157XMPL6R3MG19
0.6631
15
94.5
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG19H 0.6631
12
94.5
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG19X 0.6631
9
94.5
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG28X 0.6631
9
94.5
3
7.3x4.3x2.8
180
2
187XMPL002MG19
0.5526
9
36
2.7
7.3x4.3x1.9
180
2.5
187XMPL2R5MG19
0.5526
9
45
3
7.3x4.3x1.9
180
2.5
187XMPL2R5MG28
0.5526
9
45
3
7.3x4.3x2.8
180
4
187XMPL004MG28R 0.5526
7
72
3
7.3x4.3x2.8
180
4
187XMPL004MG28X 0.5526
9
72
3
7.3x4.3x2.8
180
4
187XMPL004MG19H 0.5526
12
72
3
7.3x4.3x1.9
180
4
187XMPL004MG19R 0.5526
7
72
3
7.3x4.3x1.9
180
4
187XMPL004MG19X 0.5526
9
72
3
7.3x4.3x1.9
180
4
187XMPL004MG28H 0.5526
12
72
3
7.3x4.3x2.8
180
6.3
187XMPL6R3MG19
0.5526
15
113.4
2.7
7.3x4.3x1.9
220
2
227XMPL002MG19
0.4521
15
44
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19H 0.4521
12
55
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19R 0.4521
7
55
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19X 0.4521
9
55
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG28H 0.4521
12
55
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG28R 0.4521
7
55
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG28X 0.4521
9
55
3
7.3x4.3x2.8


Similar Part No. - 337XMPL6R3YG19

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337XMPL6R3YG19 ILLINOISCAPACITOR-337XMPL6R3YG19 Datasheet
256Kb / 5P
   SMD Solid Conductive (multilayer-type)
337XMPL6R3YG19 ILLINOISCAPACITOR-337XMPL6R3YG19 Datasheet
382Kb / 4P
   Decoupling . Noise Suppression
337XMPL6R3YG19 ILLINOISCAPACITOR-337XMPL6R3YG19 Datasheet
116Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
337XMPL6R3YG19 ILLINOISCAPACITOR-337XMPL6R3YG19 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
337XMPL6R3YG19 CDE-337XMPL6R3YG19 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
More results

Similar Description - 337XMPL6R3YG19

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com