Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE62CA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 1.5KE62CA
Description  TRANSZORB Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1.5KE62CA Datasheet(HTML) 2 Page - Diodes Incorporated

  1.5KE62CA Datasheet HTML 1Page - Diodes Incorporated 1.5KE62CA Datasheet HTML 2Page - Diodes Incorporated 1.5KE62CA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS21503 Rev. 9 - 2
2 of 3
1.5KE6V8(C)A - 1.5KE400(C)A
www.diodes.com
Type
Number
(Note 1)
Type
Number
(Note 1)
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max.
Reverse
Leakage
(Note 2)
@VR
Max.
Clamping
Voltage
@Ipp
Max.
Peak
Pulse
Current
Max.
Voltage
Temp.
Variation
of VBR
(UNI)
(BI)
VRWM (V)
Min (V)
Max (V)
It (mA)
IR
(mA)
VC (V)
IPP (A)
%/°C
1.5KE6V8A
1.5KE6V8CA
5.80
6.45
7.14
10
1000
10.5
143.0
0.057
1.5KE7V5A
1.5KE7V5CA
6.40
7.13
7.88
10
500
11.3
132.0
0.061
1.5KE8V2A
1.5KE8V2CA
7.02
7.79
8.61
10
200
12.1
124.0
0.065
1.5KE9V1A
1.5KE9V1CA
7.78
8.65
9.55
1.0
50
13.4
112.0
0.068
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1.0
10
14.5
103.0
0.073
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1.0
5.0
15.6
96.0
0.075
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1.0
5.0
16.7
90.0
0.078
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1.0
5.0
18.2
82.0
0.081
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1.0
5.0
21.2
71.0
0.084
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1.0
5.0
22.5
67.0
0.086
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1.0
5.0
25.2
59.5
0.088
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1.0
5.0
27.7
54.0
0.090
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1.0
5.0
30.6
49.0
0.092
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1.0
5.0
33.2
45.0
0.094
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1.0
5.0
37.5
40.0
0.096
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1.0
5.0
41.4
36.0
0.097
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1.0
5.0
45.7
33.0
0.098
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1.0
5.0
49.9
30.0
0.099
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1.0
5.0
53.9
28.0
0.100
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1.0
5.0
59.3
25.3
0.101
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1.0
5.0
64.8
23.2
0.101
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1.0
5.0
70.1
21.4
0.102
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1.0
5.0
77.0
19.5
0.103
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1.0
5.0
85.0
17.7
0.104
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1.0
5.0
92.0
16.3
0.104
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1.0
5.0
103.0
14.6
0.105
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1.0
5.0
113.0
13.3
0.105
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1.0
5.0
125.0
12.0
0.106
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1.0
5.0
137.0
11.0
0.106
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1.0
5.0
152.0
9.9
0.107
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1.0
5.0
165.0
9.1
0.107
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1.0
5.0
179.0
8.4
0.107
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1.0
5.0
207.0
7.2
0.108
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1.0
5.0
219.0
6.8
0.108
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1.0
5.0
234.0
6.4
0.108
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1.0
5.0
246.0
6.1
0.108
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1.0
5.0
274.0
5.5
0.108
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1.0
5.0
328.0
4.6
0.108
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1.0
5.0
344.0
5.0
0.110
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1.0
5.0
414.0
5.0
0.110
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1.0
5.0
482.0
4.0
0.110
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1.0
5.0
548.0
4.0
0.110
Notes:
1. Suffix ‘C’ denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.


Similar Part No. - 1.5KE62CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE62CA ONSEMI-1.5KE62CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Socay Electornics Co., ...
1.5KE62CA SOCAY-1.5KE62CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
List of Unclassifed Man...
1.5KE62CA ETC1-1.5KE62CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
1.5KE62CA YFWDIODE-1.5KE62CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Micro Commercial Compon...
1.5KE62CA MCC-1.5KE62CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE62CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com