Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2022RA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2022RA
Description  CK00 (100/133 MHz) spread spectrum differential system clock generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022RA Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2022RA Datasheet HTML 1Page - NXP Semiconductors PCK2022RA Datasheet HTML 2Page - NXP Semiconductors PCK2022RA Datasheet HTML 3Page - NXP Semiconductors PCK2022RA Datasheet HTML 4Page - NXP Semiconductors PCK2022RA Datasheet HTML 5Page - NXP Semiconductors PCK2022RA Datasheet HTML 6Page - NXP Semiconductors PCK2022RA Datasheet HTML 7Page - NXP Semiconductors PCK2022RA Datasheet HTML 8Page - NXP Semiconductors PCK2022RA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product data
PCK2022RA
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2003 Jul 31
3
PIN DESCRIPTION
PIN(S)
SYMBOL
FUNCTION
1
IOCLK
Dual frequency pin which can operate at either 33 MHz or 66 MHz per the selection table.
3, 4
48M_0/SELA
48M_1/SELB
3.3 V fixed 48 MHz clock outputs. During power-up pins function as latched inputs that enable SELA and
SELB prior to the pins being used for output of 3 V at 48 MHz. Part must be clocked to latch data in.
7, 8
HCLK0
HCLKB0
Host output pair 0
10, 11
HCLK1
HCLKB1
Host output pair 1
13, 14
HCLK2
HCLKB2
Host output pair 2
16, 17
HCLK3
HCLKB3
Host output pair 3
42, 21
HCLK4
HCLKB4
Host output pair 4
39, 38
HCLK5
HCLKB5
Host output pair 5
36, 35
HCLK6
HCLKB6
Host output pair 6
33, 32
HCLK7
HCLKB7
Host output pair 7
19
REFCLK/SELC
3.3 V fixed 14.318 MHz output. During power-up, pin functions as a latched input that enables SELC prior
to the pin being used for the clock output. Part must be clocked to latch data in.
20
SPREAD
Enables spread spectrum mode when held LOW on differential host outputs and 33 MHz IOCLK clocks.
Asserts LOW.
21
XIN
Crystal input
22
XOUT
Crystal output
26
IREF
This pin controls the reference current for the host pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the correct current.
29, 30
MULTSEL0
MULTSEL1
Select input pin used to control the scaling of the HCLK and HCLKB output current.
44
PWRDWN
Device enters power-down mode when held LOW. Asserts LOW.
48
SEL100/133
Select input pin for enabling 133 MHz or 100 MHz CPU outputs
2, 6, 12,
18, 24, 31,
37, 43
VDD3
3.3 V power supply
5, 9, 15,
21, 28, 34,
40, 47
GND
Ground
25, 46
AVDD
3.3 V power supply for analog circuits
27, 45
AGND
Ground for analog circuits


Similar Part No. - PCK2022RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2022RDGG PHILIPS-PCK2022RDGG Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
More results

Similar Description - PCK2022RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2022R PHILIPS-PCK2022R Datasheet
102Kb / 14P
   CK00 100/133 MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2021 PHILIPS-PCK2021 Datasheet
108Kb / 15P
   CK00 100/133 MHz spread spectrum differential system clock generator
2001 Oct 11
PCK2020 PHILIPS-PCK2020 Datasheet
110Kb / 16P
   CK00 100/133MHz spread spectrum differential system clock generator
2000 Nov 13
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
PCK2023 PHILIPS-PCK2023 Datasheet
177Kb / 30P
   CK408 66/100/133/200 MHz spread spectrum differential system clock generator
2001 Sep 07
logo
Cypress Semiconductor
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
logo
NXP Semiconductors
PCK2010 PHILIPS-PCK2010 Datasheet
113Kb / 16P
   CK98 100/133MHz Spread Spectrum System Clock Generator
1999 Mar 01
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com