Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWCR-12.00RS Datasheet(PDF) 2 Page - Abracon Corporation

Part # AWCR-12.00RS
Description  LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AWCR-12.00RS Datasheet(HTML) 2 Page - Abracon Corporation

  AWCR-12.00RS Datasheet HTML 1Page - Abracon Corporation AWCR-12.00RS Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTLINE DRAWING:
Dimensions: mm
CAUTION
Bulk Pack
|||||||| | | | | | | |
AWCR-RS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 05.07.13
Visit www.abracon.com for Terms & Conditions of Sale
Size Varies
LOW PROFILE LEADED INDUSTRIAL GRADE
BUILT-IN CAPACITANCE CERAMIC RESONATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
LOW PROFILE LEADED
INDUSTRIAL GRADE BUILT-IN
CAPACITANCE CERAMIC
RESONATOR
uly 19th, 2012
5.5 x 3.0 x 5.0mm
of (10)
Abracon Drawing # 452751
Revision #: C
mensions
Dimension: mm
AMMO Pack:
AMMO Pack
(1) Do not apply excess mechanical stress to the component body or terminations. Do not attempt to re-form or bend the components as
this will cause damage to the component.
(2) This component is not hermetically sealed. Do not clean or wash the component.
(3) Reflow Soldering: Do not use strong acidity flux, such as flux with chlorine content of greater than 0.2wt% during Reflow Soldering.
(4) Do not expose the component to open flame.
(5) This specification applies to the functionality of the component as a single unit.
(6) Storage Conditions: If the product is to be stored for a period greater than 1 year after the Delivery Date, it is recommended that
customers confirm the solderability and characteristics for the product prior to use.
(7) This product is not recommended for use in the following applications: Automotive, Medical, Military, Safety, or any other high-
reliability life dependant applications. ContactAbracon Corporation prior to using this product when in doubt.
,
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
LOW PROFILE LEADED
INDUSTRIAL GRADE BUILT-IN
CAPACITANCE CERAMIC
RESONATOR
July 19th, 2012
5.5 x 3.0 x 5.0mm
) of (10)
Abracon Drawing # 452751
Revision #: C
mensions
Dimension: mm
AMMO Pack:
AWCR-RS
AWCR-RS Series
LOW PROFILE LEADED
INDUSTRIAL GRADE BUILT-IN
CAPACITANCE CERAMIC
RESONATOR
ssue: July 19th, 2012
5.5 x 3.0 x 5.0mm
Page (6) of (10)
Abracon Drawing # 452751
Revision #: C
ne Dimensions
mm
:
Pack:
Dimension: mm
AMMO Pack:
Pb in ceramic, exemption (7c-I)
RoHS/RoHS II Compliant
Packaging:
Bulk: 500pcs/plastic bag
AMMO: 2000pcs/box
Note: upon opening the original packaging, it is recommended that the product be used within 1 year. If the prod-
uct will not be used within 1 year, it is recommended that the product be re-sealed in airtight packaging according
to MSL 1 requirements to maintain solderability.


Similar Part No. - AWCR-12.00RS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCR-10.00MD ABRACON-AWCR-10.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWCR-16.00MD ABRACON-AWCR-16.00MD Datasheet
2Mb / 3P
   LEADED BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
More results

Similar Description - AWCR-12.00RS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCR-RS ABRACON-AWCR-RS Datasheet
1Mb / 2P
   LOW PROFILE LEADED INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
05.07.13
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MS ABRACON-AWSCR-MS Datasheet
198Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
AWSCR-MR ABRACON-AWSCR-MR Datasheet
164Kb / 2P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MV ABRACON-AWSCR-MV Datasheet
527Kb / 1P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
AWSCR-16.00MTD-T ABRACON-AWSCR-16.00MTD-T Datasheet
422Kb / 3P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.20.07
AWSCR-24.00MTD-T ABRACON-AWSCR-24.00MTD-T Datasheet
422Kb / 3P
   INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.20.07
AWSCR-25.00CW-T ABRACON-AWSCR-25.00CW-T Datasheet
1Mb / 3P
   2.5X2.0mm INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.08.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com