Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA143ZK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTA143ZK
Description  PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143ZK Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTA143ZK Datasheet HTML 1Page - NXP Semiconductors PDTA143ZK Datasheet HTML 2Page - NXP Semiconductors PDTA143ZK Datasheet HTML 3Page - NXP Semiconductors PDTA143ZK Datasheet HTML 4Page - NXP Semiconductors PDTA143ZK Datasheet HTML 5Page - NXP Semiconductors PDTA143ZK Datasheet HTML 6Page - NXP Semiconductors PDTA143ZK Datasheet HTML 7Page - NXP Semiconductors PDTA143ZK Datasheet HTML 8Page - NXP Semiconductors PDTA143ZK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2004 Aug 05
3
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ
PDTA143Z series
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PDTA143ZS
1
base
2
collector
3
emitter
PDTA143ZE
1
base
PDTA143ZEF
2
emitter
PDTA143ZK
3
collector
PDTA143ZT
PDTA143ZU
PDTA143ZM
1
base
2
emitter
3
collector
handbook, halfpage
MAM338
1
2
3
R1
R2
2
3
1
handbook, halfpage
MDB271
Top view
1
2
3
1
2
3
R1
R2
handbook, halfpage
MDB267
2
1
3
Bottom view
1
2
3
R1
R2


Similar Part No. - PDTA143ZK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143ZK PHILIPS-PDTA143ZK Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA143ZK NXP-PDTA143ZK Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
More results

Similar Description - PDTA143ZK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
logo
NXP Semiconductors
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
   PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
logo
Nexperia B.V. All right...
PDTA144V_SER NEXPERIA-PDTA144V_SER Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
logo
NXP Semiconductors
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com