Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-SD300N Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-SD300N
Description  Standard Recovery Diodes (Stud Version), 380 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-SD300N Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-SD300N Datasheet HTML 1Page - Vishay Siliconix VS-SD300N Datasheet HTML 2Page - Vishay Siliconix VS-SD300N Datasheet HTML 3Page - Vishay Siliconix VS-SD300N Datasheet HTML 4Page - Vishay Siliconix VS-SD300N Datasheet HTML 5Page - Vishay Siliconix VS-SD300N Datasheet HTML 6Page - Vishay Siliconix VS-SD300N Datasheet HTML 7Page - Vishay Siliconix VS-SD300N Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VS-SD300N/R Series
www.vishay.com
Vishay Semiconductors
Revision: 05-Aug-14
6
Document Number: 93545
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.11 K/ W
(DC Operation)
SD300N/ RSeries
thJC
Device code
5
1
3
2
4
6
7
8
SD
VS-
30
0
N
32
P
C
-
Diode
1
-
Vishay semiconductors product
2
-
Essential part number
3
-
0 = standard recovery
4
-
N = stud normal polarity (cathode to stud)
R = stud reverse polarity (anode to stud)
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
P = stud base DO-205AB (DO-9) 3/4" 16UNF-2A
7
8
-
C = ceramic housing
For metric device M16 x 1.5 contact factory
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95301


Similar Part No. - VS-SD300N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
More results

Similar Description - VS-SD300N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD300NR VISHAY-VS-SD300NR Datasheet
199Kb / 8P
   Standard Recovery Diodes, (Stud Version), 380 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-150U VISHAY-VS-150U Datasheet
137Kb / 7P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 30-May-16
VS-45L VISHAY-VS-45L Datasheet
213Kb / 9P
   Standard Recovery Diodes (Stud Version), 150 A
Revision: 25-Nov-13
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com