Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH8230 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PH8230
Description  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH8230 Datasheet(HTML) 3 Page - NXP Semiconductors

  PH8230 Datasheet HTML 1Page - NXP Semiconductors PH8230 Datasheet HTML 2Page - NXP Semiconductors PH8230 Datasheet HTML 3Page - NXP Semiconductors PH8230 Datasheet HTML 4Page - NXP Semiconductors PH8230 Datasheet HTML 5Page - NXP Semiconductors PH8230 Datasheet HTML 6Page - NXP Semiconductors PH8230 Datasheet HTML 7Page - NXP Semiconductors PH8230 Datasheet HTML 8Page - NXP Semiconductors PH8230 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
PH8230
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 23 June 2003
3 of 12
9397 750 11118
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
Tmb =25 °C; IDM is single pulse.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03ah31
0
40
80
120
0
50
100
150
200
Tmb (°C)
Pder
(%)
03am20
0
40
80
120
0
60
120
180
Tmb (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03am21
1
10
102
103
10-1
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
RDSon = VDS / ID
1 ms
tp = 100 µs


Similar Part No. - PH8230

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH8230E PHILIPS-PH8230E Datasheet
84Kb / 12P
   N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
Rev. 03-02 March 2004
PH8230E NXP-PH8230E Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 04-17 November 2009
logo
Nexperia B.V. All right...
PH8230E NEXPERIA-PH8230E Datasheet
299Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04 - 17 November 2009
More results

Similar Description - PH8230

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com