Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP82NQ03LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHP82NQ03LT
Description  TrenchMOS??logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP82NQ03LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHP82NQ03LT Datasheet HTML 1Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHP82NQ03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PHP/PHB/PHD82NQ03LT
TrenchMOS™ logic level FET
Rev. 01 — 28 March 2002
Product data
1.
Product profile
1.1 Description
N-channel logic level field-effect transistor in a plastic package using TrenchMOS™
technology.
Product availability:
PHP82NQ03LT in SOT78 (TO-220AB)
PHB82NQ03LT in SOT404 (D2-PAK)
PHD82NQ03LT in SOT428 (D-PAK).
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make connection to pin 2 of the SOT404 or SOT428 packages.
s Logic level compatible
s Low gate charge
s DC to DC converters
s Switched mode power supplies
s VDS =30V
s ID =75A
s Ptot = 136 W
s RDSon ≤ 8mΩ
Table 1:
Pinning - SOT78, SOT404, SOT428 simplified outlines and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT78 (TO-220)
SOT404 (D2-PAK)
SOT428 (D-PAK)
2
drain (d)
[1]
3
source (s)
mb
mounting base,
connected to drain (d)
MBK106
12
mb
3
13
2
MBK116
mb
MBK091
Top view
13
mb
2
s
d
g
MBB076


Similar Part No. - PHP82NQ03LT

ManufacturerPart #DatasheetDescription
logo
Sensitron
PHP8.4 SENSITRON-PHP8.4 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Protek Devices
PHP8.4 PROTEC-PHP8.4 Datasheet
61Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4 PROTEC-PHP8.4 Datasheet
377Kb / 5P
   ac power bus voltage suppressor
PHP8.4 PROTEC-PHP8.4 Datasheet
379Kb / 5P
   AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4-PHP500 PROTEC-PHP8.4-PHP500 Datasheet
72Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
More results

Similar Description - PHP82NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com