Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1062803 Datasheet(PDF) 5 Page - SICK AG

Part # 1062803
Description  IMAGE-BASED CODE READERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1062803 Datasheet(HTML) 5 Page - SICK AG

  1062803 Datasheet HTML 1Page - SICK AG 1062803 Datasheet HTML 2Page - SICK AG 1062803 Datasheet HTML 3Page - SICK AG 1062803 Datasheet HTML 4Page - SICK AG 1062803 Datasheet HTML 5Page - SICK AG 1062803 Datasheet HTML 6Page - SICK AG 1062803 Datasheet HTML 7Page - SICK AG 1062803 Datasheet HTML 8Page - SICK AG 1062803 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ICR620C-T11503S50 OCR | Lector62x
IMAGE-BASED CODE READERS
Dimensional drawing (Dimensions in mm (inch))
Lector62x Professional
1
2
3
5
a
4
1
6
7
8
9
ß
á
à
â
26.5
(1.04)
35.6 (1.40)
6 (0.24)
21.5
(0.85)
43 (1.69)
①  M5 blind tapped holes, 5 mm deep (4 x), for mounting the sensor
②  Ethernet connection
③  “Power/Serial Data/CAN/I/O” connection
④  Sliding nut M5, 5 mm deep (2 x), for mounting (as alternative)
⑤  Swivel connector unit
⑥  Reading field
⑦  Function button (2 x)
⑧  Bar graph display
⑨  LEDs for status display (2 levels), 5 x
⑩  Cover (flap)
⑪  “Micro USB” connection
⑫  Slot for microSD memory card
⑬  LED for microSD memory card
2017-03-22 15:18:07 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Similar Part No. - 1062803

ManufacturerPart #DatasheetDescription
logo
Heyco.
10628 HEYCO-10628 Datasheet
110Kb / 1P
   Nylon PCB Supports - Thru Hole Self-Retaining Spacers
logo
Molex Electronics Ltd.
106283-1035 MOLEX11-106283-1035 Datasheet
33Kb / 1P
   Quad Small Form-factor Pluggable Plus (QSFP) Optical Jumper Cable Assembly, 4 TX, 4 RX 8 Fiber MTP Multimode 50/125m 3mm Round Cable Plenum, High Bandwidth (OM3), 35.0m
106283-1040 MOLEX11-106283-1040 Datasheet
33Kb / 1P
   Quad Small Form-factor Pluggable Plus (QSFP) Optical Cable Assembly, 4 TX, 4 RX 8 Fiber MTP Multimode 50/125m 3mm Round Cable Plenum, High Bandwidth (OM3), 40.0m
106283-1045 MOLEX11-106283-1045 Datasheet
33Kb / 1P
   Quad Small Form-factor Pluggable Plus (QSFP) Optical Cable Assembly, 4 TX, 4 RX 8 Fiber MTP Multimode 50/125m 3mm Round Cable Plenum, High Bandwidth (OM3), 45.0m
106283-1055 MOLEX11-106283-1055 Datasheet
33Kb / 1P
   Quad Small Form-factor Pluggable Plus (QSFP) Optical Cable Assembly, 4 TX, 4 RX 8 Fiber MTP Multimode 50/125m 3mm Round Cable Plenum, High Bandwidth (OM3), 55.0m
More results

Similar Description - 1062803

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com