Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICR620S-T16503 Datasheet(PDF) 3 Page - SICK AG

Part # ICR620S-T16503
Description  IMAGE-BASED CODE READERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ICR620S-T16503 Datasheet(HTML) 3 Page - SICK AG

  ICR620S-T16503 Datasheet HTML 1Page - SICK AG ICR620S-T16503 Datasheet HTML 2Page - SICK AG ICR620S-T16503 Datasheet HTML 3Page - SICK AG ICR620S-T16503 Datasheet HTML 4Page - SICK AG ICR620S-T16503 Datasheet HTML 5Page - SICK AG ICR620S-T16503 Datasheet HTML 6Page - SICK AG ICR620S-T16503 Datasheet HTML 7Page - SICK AG ICR620S-T16503 Datasheet HTML 8Page - SICK AG ICR620S-T16503 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICR620S-T16503 Professional | Lector62x
IMAGE-BASED CODE READERS
No. of characters per reading interval
500 (for multiplexer function in CAN operation)
Internal image storage
135 MB
Transport speed
4 m/s
Interfaces
Ethernet TCP/IP
Function Host, AUX, OPC DA Server, FTP (image transmission)
Data transmission rate 10/100 MBit/s
PROFINET
Function PROFINET Single Port, PROFINET Dual Port (optional via external connection module
CDF600-2)
Data transmission rate 10/100 MBit/s
EtherNet/IP™
Data transmission rate 10/100 MBit/s
EtherCAT®
Type of fieldbus integration Optional over external fieldbus module CDF600
Serial
✔, RS-232, RS-422
Function Host, AUX
Data transmission rate 0.3 kBaud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
CANopen
Data transmission rate 20 kbit/s ... 1 Mbit/s
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
USB
Remark USB 2.0
Switching inputs
4 (“Sensor 1”, “Sensor 2”, 2 inputs via optional parameter storage CMC600 in CDB620/
CDM420)
Switching outputs
4 (“Result 1”, “Result 2”, 2 outputs via CMC and CDB620/CDM420 or “Result 1”, “Result 2”,
“Result 3”, “Result 4” when using the 17-wire cable with open cable end)
Reading pulse
Switching inputs, non-powered, serial interface, Ethernet, CAN, auto pulse, presentation mode
Optical indicators
16 LEDs (5 x status display, 10 x LED bar graph, 1 green feedback spot)
Acoustic indicators
Beeper/buzzer (can be switched off, can be assigned a function to signal a result)
Operating elements
2 buttons (choose and start/stop functions)
Configuration software
SOPAS ET
Memory card
Micro SD memory card (flash card) max. 32 GB, optional
Data storage and retrieval
Image and data storage via microSD memory card, internal storage and external FTP
Maximum encoder frequency
300 Hz
External illumination control
Via digital output (max. 24 V trigger)
Mechanics/electronics
Electrical connection
1 x M12, 17-pin male connector
1) Swivel connector is 17.8 mm longer.
2017-03-22 15:18:07 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - ICR620S-T16503

ManufacturerPart #DatasheetDescription
logo
SICK AG
ICR620S-T11503 SICK-ICR620S-T11503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T11504 SICK-ICR620S-T11504 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
More results

Similar Description - ICR620S-T16503

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com