Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICR803-B0271 Datasheet(PDF) 2 Page - SICK AG

Part # ICR803-B0271
Description  IMAGE-BASED CODE READERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ICR803-B0271 Datasheet(HTML) 2 Page - SICK AG

  ICR803-B0271 Datasheet HTML 1Page - SICK AG ICR803-B0271 Datasheet HTML 2Page - SICK AG ICR803-B0271 Datasheet HTML 3Page - SICK AG ICR803-B0271 Datasheet HTML 4Page - SICK AG ICR803-B0271 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
ICR803-B0271 | ICR80x
IMAGE-BASED CODE READERS
Ordering information
Type
Part no.
ICR803-B0271
6034213
Other models and accessories
www.sick.com/ICR80x
Detailed technical data
Features
Version
Mid Range
Connection type
USB
Reading field
Front
Focus
Fixed focus
Focus position
180 mm
Sensor
752 x 480 px
Light source
Visible red light (LED lighting, 630 nm)
Visible green light (LED aiming line, 530 nm)
Code resolution
≥ 0.21 mm 1)
≥ 0.38 mm 2)
Reading distance
50 mm ... 330 mm 1) 3)
1) 1D.
2) 2D.
3) For details see reading field diagram.
Performance
Readable code structures
1D, 2D, Stacked
Bar code types
Codabar, Code 39, Interleaved 2 of 5, Code 93, Code 128, UPC / GTIN / EAN, RSS, Codablock
F, Post (only SR/SF): Postnet, Planet Code, Royal Mail, Canada Post (PostBar), Japan Post, KIX
(Royal Dutch TPG Post)
2D code types
MaxiCode, Data Matrix, QR code, Aztec, Aztec Mesas, Code 49 and EAN•UCC Composite
OCR/OCV fonts
OCR-A, OCR-B
Image capture
BMP, JPEG, TIFF
Interfaces
Ethernet TCP/IP
Type of fieldbus integration Optional via external connection module CDM + CMF
CAN
Type of fieldbus integration Optional via external connection module CAN232
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - ICR803-B0271

ManufacturerPart #DatasheetDescription
logo
SICK AG
ICR803-B0201 SICK-ICR803-B0201 Datasheet
600Kb / 5P
   IMAGE-BASED CODE READERS
More results

Similar Description - ICR803-B0271

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com