Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-43 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PL-43
Description  Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL-43 Datasheet(HTML) 6 Page - Vishay Siliconix

  PL-43 Datasheet HTML 1Page - Vishay Siliconix PL-43 Datasheet HTML 2Page - Vishay Siliconix PL-43 Datasheet HTML 3Page - Vishay Siliconix PL-43 Datasheet HTML 4Page - Vishay Siliconix PL-43 Datasheet HTML 5Page - Vishay Siliconix PL-43 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.vishay.com
157
PL-22, -23, -24, -42, -43, -44
Vishay Dale
Document Number 34072
Revision 11-Dec-02
For technical questions, contact: Magnetics@vishay.com
ORDERING INFORMATION
PART MARKING
— Vishay Dale
— Model
— Date code
Special design not listed, available on request.
A
MOUNTING FRAME
(If not required, leave blank.)
01
OUTPUT VOLTAGE
AND CURRENT
PL-22
MODEL
.063 [1.60mm]
Bobbin Standoff
B
FOR BOBBIN STANDOFF
(If not required, leave blank.)
DIMENSIONAL CONFIGURATIONS (Reference) [Numbers in brackets indicate millimeters]
8 7 6 5
1 2 3 4
8 7 6 5
1 2 3 4
D
E
A
.041
[1.04]
Typ.
B
.150
[3.81]
Min.
C
PC Terminal
(Plug in
Mounting)
F
2 Places
8 7 6 5
1 2 3 4
.250
[6.35]
Typ.
L
C
.031 [.787]
2 Places
L
C
G
H
8 7 6 5
1 2 3 4
.188
[4.78]
Dia.
2 Holes
“B” Type of Mounting Frame
“A” Type of Mounting Frame
MODEL
PL-22
PL-42
PL-23
PL-43
PL-24
PL-44
A
1.43
[36.32]
1.68
[42.67]
1.93
[49.02]
B
1.20
[30.48]
1.38
[35.05]
1.64
[41.66]
C
0.200
[5.08]
0.250
[6.35]
0.250
[6.35]
D
1.19
[30.23]
1.30
[33.02]
1.48
[37.59]
E
1.0
[25.40]
1.10
[27.94]
1.30
[33.02]
F
0.125
[3.18]
0.125
[3.18]
0.188
[4.78]
G
1.75
[44.45]
2.0
[50.80]
2.38
[60.45]
H
2.12
[53.85]
2.44
[61.98]
2.88
[73.15]
Basic Style


Similar Part No. - PL-43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PL-43 VISHAY-PL-43 Datasheet
146Kb / 4P
   Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
Revision: 10-Aug-06
More results

Similar Description - PL-43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PL-22 VISHAY-PL-22_06 Datasheet
146Kb / 4P
   Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
Revision: 10-Aug-06
PL-11 VISHAY-PL-11 Datasheet
117Kb / 4P
   Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
Revision: 10-Aug-06
PL1112 VISHAY-PL1112 Datasheet
104Kb / 4P
   Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
Revision: 06-Dec-11
logo
First Components Intern...
FBM12-10 FCI-FBM12-10 Datasheet
40Kb / 1P
   12VA Dual Primary 115V-230V, 50/60HZ Transformers
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Volgen Kaga Electronics...
MSD15-2412 VOLGEN-MSD15-2412 Datasheet
63Kb / 3P
   Primary-Secondary Isolation Voltage
MSS15-2403 VOLGEN-MSS15-2403 Datasheet
144Kb / 6P
   Primary-Secondary Isolation Voltage
logo
List of Unclassifed Man...
74092 ETC2-74092 Datasheet
28Kb / 1P
   Primary / Secondary Insulation ??4000V
logo
TRIAD MAGNETICS
F-366XP TRIAD-F-366XP Datasheet
172Kb / 3P
   POWER TRANSFORMER PC Mount Dual Primary
logo
Pulse A Technitrol Comp...
A6801 PULSE-A6801 Datasheet
53Kb / 2P
   GIGABIT DUAL TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com