Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS120-T55MF31 Datasheet(PDF) 4 Page - SICK AG

Part # IRS120-T55MF31
Description  TRACK AND TRACE SYSTEMS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IRS120-T55MF31 Datasheet(HTML) 4 Page - SICK AG

  IRS120-T55MF31 Datasheet HTML 1Page - SICK AG IRS120-T55MF31 Datasheet HTML 2Page - SICK AG IRS120-T55MF31 Datasheet HTML 3Page - SICK AG IRS120-T55MF31 Datasheet HTML 4Page - SICK AG IRS120-T55MF31 Datasheet HTML 5Page - SICK AG IRS120-T55MF31 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
System type IRS120-x55xxxx | ICR89x System
TRACK AND TRACE SYSTEMS
Type code
Read field width 1) 2)
60
600 mm
80
800 mm
100
1000 mm
120
1200 mm
140
1400 mm
Conveyor type
B Belt
C Cross belt
K Chain conveyor
R Roller conveyor
T Till-tray sorter
Number of reading sites
1
2
3
4
5
6
Numer of cameras
1 1
2 2
3 3
4 4
5 5
6 6
7 7
8 8
9 9
A 10
F 16
Focussing
O Fixfocus
M MLG
V VMSx10 (single-head)
W VMSx20 (double-head)
Frame
C Customer frame
F SICK frame (including mecanical
design)
Extension add. Components
0 Standard
1 Scale
2 OPS
3 RFID
4 Lector
Extension add. Special func-
tions
0 Standard
1 LFT: MID/OIML
2 Image display
3 Remote: MPR or some-
thing like it
IRS
-
1) Assignment read field width: the tolerance is max. 50mm, e. g. at 650 mm
read field width will be still a 060, 651 mm would already be a 080 system.
2) The step of the read field width is fixed at 200 mm.
4
SYSTEM SOLUTIONS | SICK
Online data sheet | 2017-04-05 14:16:28
Subject to change without notice


Similar Part No. - IRS120-T55MF31

ManufacturerPart #DatasheetDescription
logo
SICK AG
IRS120-T53MF00 SICK-IRS120-T53MF00 Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS120-T53MF01 SICK-IRS120-T53MF01 Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS120-T53MF02 SICK-IRS120-T53MF02 Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS120-T53MF03 SICK-IRS120-T53MF03 Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS120-T53MF10 SICK-IRS120-T53MF10 Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
More results

Similar Description - IRS120-T55MF31

ManufacturerPart #DatasheetDescription
logo
SICK AG
IRS080-X11XXXX SICK-IRS080-X11XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS100-X53XXXX SICK-IRS100-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS080-X53XXXX SICK-IRS080-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS120-X53XXXX SICK-IRS120-X53XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS100-X11XXXX SICK-IRS100-X11XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS100-X55XXXX SICK-IRS100-X55XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS060-X55XXXX SICK-IRS060-X55XXXX Datasheet
399Kb / 7P
   TRACK AND TRACE SYSTEMS
IRS120-X11XXXX SICK-IRS120-X11XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS060-X53XXXX SICK-IRS060-X53XXXX Datasheet
381Kb / 6P
   TRACK AND TRACE SYSTEMS
IRS080-X55XXXX SICK-IRS080-X55XXXX Datasheet
382Kb / 6P
   TRACK AND TRACE SYSTEMS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com