Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6526 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6526
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6526 Datasheet(HTML) 4 Page - Texas Instruments

  PT6526 Datasheet HTML 1Page - Texas Instruments PT6526 Datasheet HTML 2Page - Texas Instruments PT6526 Datasheet HTML 3Page - Texas Instruments PT6526 Datasheet HTML 4Page - Texas Instruments PT6526 Datasheet HTML 5Page - Texas Instruments PT6526 Datasheet HTML 6Page - Texas Instruments PT6526 Datasheet HTML 7Page - Texas Instruments PT6526 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Using the Standby Function of the PT6520
Series of Integrated Switching Regulators
The PT6520 series of power modules are high efficiency
regulators that operate off either a 3.3V or 5V input
bus voltage. These regulators incorporate a Standby
function, which may be used in applications that require
power-up/shutdown sequencing, and wherever there is a
requirement for the output status of the module to be
controlled by external circuitry.
The standby function is provided by the STBY* control,
pin 3. If pin 3 is left open-circuit 1 the regulator operates
normally, and provides a regulated output when a valid
supply voltage is applied to Vin (pins 4–6) with respect
to GND (pins 7–10). If a low voltage 2 is then applied
to pin 3 the regulator output will be disabled and the
input current drawn by the ISR will be reduced to about
15mA 3. The standby control may also be used to hold-off
the regulator output during the period that input power is
applied.
Pin 3 is ideally controlled with an open-collector (or open-
drain) discrete transistor (See Figure 1). The open-circuit
voltage is typcially 12.6V. Table 1 gives the circuit pa-
rameters for this control input.
Table 1 Standby Control Requirements (2, 3)
Parameter
Min
Typ
Max
Input Low (VIL)
–0.1V
+0.4V
Istby (pin 3 =ground)
–0.5mA
Vstby (open circuit)
12.6V
15V
Notes:
1 The standby control input requires no external pull-up
resistor. The open-circuit voltage of the STBY* pin is
typically 12.6V.
2. The standby control input is
Not compatible with TTL or
other devices that incorporate a totem-pole output drive.
Use only a true open-collector device, preferably a discrete
bipolar transistor (or MOSFET). To ensure the regulator
output is disabled, the control pin must be pulled to less
than 0.4Vdc with a low-level 0.5mA sink to ground.
3. When the regulator output is disabled the current drawn
from the input source is typically reduced to 15mA.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on applies
a low voltage to the STBY control (pin 3) and disables the
regulator ouput. Correspondingly, turning Q1 off removes the
low-voltage signal and enables the output. Once enabled, the
output will typically experience a 10–15ms delay followed by a
predictable ramp-up of voltage. The regulator should provide a
fully regulated output voltage within 40ms. The waveform of
Figure 2 shows the output voltage and input current waveforms
of a PT6521 (3.3V) following the turn-off of Q1. The turn off
of Q1 corresponds to the rise in Vstby. The waveforms were
measured with a 5Vdc input voltage, and 4.5A resistive load.
Figure 2
C
in
+
C
out
+
Inhibit
V
in
V
o
COM
COM
PT6520
11,12,13
14
7,8,9,10
4,5,6
Vin
Vo
GND
Vo(adj)
STBY
3
Vo(sense)
1
Q1
BSS138
PT6520 Series
Vo (1V/Div)
Iin (2A/Div)
Vstby (10V/Div)
HORIZ SCALE: 5ms/Div


Similar Part No. - PT6526

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
PT6526-LQ PTC-PT6526-LQ Datasheet
1Mb / 24P
   LCD Driver IC
logo
Texas Instruments
PT6526B TI-PT6526B Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6526D TI-PT6526D Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6526E TI-PT6526E Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6520 TI-PT6520 Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com