Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETFFP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20ETFFP
Description  Vishay High Power Products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETFFP Datasheet(HTML) 5 Page - Vishay Siliconix

  20ETFFP Datasheet HTML 1Page - Vishay Siliconix 20ETFFP Datasheet HTML 2Page - Vishay Siliconix 20ETFFP Datasheet HTML 3Page - Vishay Siliconix 20ETFFP Datasheet HTML 4Page - Vishay Siliconix 20ETFFP Datasheet HTML 5Page - Vishay Siliconix 20ETFFP Datasheet HTML 6Page - Vishay Siliconix 20ETFFP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93142
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 12-Jun-08
5
20ETF..FP Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 20 A
Vishay High Power Products
Fig. 13 - Recovery Current Characteristics, TJ = 150 °C
Fig. 14 - Thermal Impedance ZthJC Characteristics
100
60
0
0
200
400
600
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
20
40
80
20ETF.. Series
T
J = 150 °C
I
FM = 30 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
1
10
10
0.0001
0.001
0.01
0.1
Square Wave Pulse Duration (s)
0.1
0.01
1
Steady state value
(DC operation)
20ETF.. Series
Single pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08


Similar Part No. - 20ETFFP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF IRF-20ETF Datasheet
111Kb / 7P
   FAST SOFT RECOVERY
20ETF IRF-20ETF Datasheet
211Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
   Vishay High Power Products
Revision: 12-Jun-08
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
20ETF02 VISHAY-20ETF02 Datasheet
332Kb / 8P
   Fast Soft Recovery Rectifier Diode, 20 A
Revision: 15-Apr-08
More results

Similar Description - 20ETFFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETFS VISHAY-20ETFS Datasheet
186Kb / 7P
   Vishay High Power Products
Revision: 22-Oct-08
60EPS VISHAY-60EPS Datasheet
127Kb / 6P
   Vishay High Power Products
Revision: 25-Aug-08
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
   Vishay High Power Products
Revision: 07-Jul-09
60EPFPBF VISHAY-60EPFPBF Datasheet
188Kb / 7P
   Vishay High Power Products
Revision: 05-Jun-08
20ETF VISHAY-20ETF Datasheet
201Kb / 7P
   Vishay High Power Products
Revision: 12-Jun-08
60EPF VISHAY-60EPF Datasheet
205Kb / 7P
   Vishay High Power Products
Revision: 09-Dec-09
80EPFPBF VISHAY-80EPFPBF Datasheet
209Kb / 8P
   Vishay High Power Products
Revision: 05-Jun-08
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
   High Power Products
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
   Vishay Semiconductors
Rev. 1.7, 31-Aug-04
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
   Vishay Siliconix
Rev. D, 30-May-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com