Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMCV-2220H-560 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AMCV-2220H-560
Description  SMD Multilayer Chip Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AMCV-2220H-560 Datasheet(HTML) 1 Page - Abracon Corporation

  AMCV-2220H-560 Datasheet HTML 1Page - Abracon Corporation AMCV-2220H-560 Datasheet HTML 2Page - Abracon Corporation AMCV-2220H-560 Datasheet HTML 3Page - Abracon Corporation AMCV-2220H-560 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Multilayer Chip Varistor
AMCV-2220H
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
5.7 x 5.0 x 2.5mm
.
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.26.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
Operating Temperature: -55˚C ~ +85˚C
Storage Temperature: -10˚C ~ +40˚C and RH 70% (Max.)
• SMD type, small size suitable for high density mounting
• Excellent clamping ratio and strong capability of voltage surge suppression
• Excellent solderability (Ni, Sn plating)
Unless otherwise specified, the standard atmospheric conditions for measurement/test as:
a. Ambient Temperature: 20±15oC
b. Relative Humidity: 65±20%
c. Air Pressure: 86 kPa to 106 kPa
Items
Test Methods and Remarks
Varistor Voltage at 1mA DC (VB)
Measuring current: 1mA DC
Duration: 0.2 to 2 sec
Capacitance (C)
Measure source: 1.0 VRMS
Test frequency: 1kHz.
Clamping Voltage (VC)
Measuring source: 8/20us waveform
• Transient voltage protection and voltage surge suppression for
LED lighting
• Suitable for LCD-TV, STB, Switch, Router, PLC, Security
System, smart meters, mobile phones
• Suppressing Induced / switching over-voltage caused by
lightning and power
• Protecting DC-DC Module, I/O ports, IC driver
Part Number
Max. Working
Voltage
Varistor Voltage
Max. Clamping
Voltage
Rated Single Pulse
Transient
Typical
Capacitance
Test Condition
<20μA
@1mA DC
8/20μs
ESD
Energy
10/1000μs
Peak
Current
8/20μs
@1Vrms,
1kHz
DC
AC RMS
Units
Volts
Volts
Volts
Volts
Amps
Joules
Amps
pF
Symbol
VWDC
VWAC
VB
VC
IC
ET
IP
CP
AMCV-2220H-5R5
5.5
4
12.0 [10.0-14.0]
18
10.0
2.3
1200
8000
AMCV-2220H-090
9
6.4
14.0 [12.0-16.0]
20
10.0
2.7
1200
7000
AMCV-2220H-120
12
8.5
16.0 [13.0-19.0]
25
10.0
3.2
1200
6400
AMCV-2220H-140
14
10.0
19.0 [16.0-22.0]
30
10.0
5.4
1200
6000
AMCV-2220H-180
18
12.7
25.0 [22.0-28.0]
40
10.0
5.8
1200
5000
AMCV-2220H-220
22
15.6
30.0 [26.0-34.0]
45
10.0
6.5
1200
4500
AMCV-2220H-260
26
18.4
35.0 [31.0-38.0]
58
10.0
7.8
1200
4000
AMCV-2220H-300
30
21.3
42.0 [37.0-46.0]
65
10.0
9.6
1200
3000
AMCV-2220H-380
38
30.0
50.0 [46.0-54.0]
75
10.0
12.0
1200
2200
AMCV-2220H-480
48
34.1
60.0 [54.0-67.0]
100
10.0
10.0
900
1500
AMCV-2220H-560
56
40.0
68.0 [61.0-75.0]
120
10.0
10.0
900
1300
AMCV-2220H-600
60
46.0
76.0 [69.0-83.0]
130
10.0
9.0
900
1100
AMCV-2220H-650
65
50.0
82.0 [73.0-91.0]
140
10.0
9.0
900
900
AMCV-2220H-750
75
55.0
94.0 [85.0-103.0]
160
10.0
8.5
900
800
AMCV-2220H-850
85
60.0
100.0 [90.0-110.0]
170
10.0
8.5
900
700
AMCV-2220H-101
100
75.0
120.0 [108.0-132.0]
200
10.0
8.5
900
400


Similar Part No. - AMCV-2220H-560

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCV-2220H-560 ABRACON-AMCV-2220H-560 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.26.12
AMCV-2220H-560 ABRACON-AMCV-2220H-560 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.26.12
More results

Similar Description - AMCV-2220H-560

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1206H ABRACON-AMCV-1206H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.22.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-140-T ABRACON-AMCV-1210H-140-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1812H ABRACON-AMCV-1812H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com