Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ11C-MASAA-B-A-LU2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ARJ11C-MASAA-B-A-LU2
Description  RJ45 10/100/1000 Base-T Jack with Magnetic Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ11C-MASAA-B-A-LU2 Datasheet(HTML) 1 Page - Abracon Corporation

  ARJ11C-MASAA-B-A-LU2 Datasheet HTML 1Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 2Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 3Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 4Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 5Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 6Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 7Page - Abracon Corporation ARJ11C-MASAA-B-A-LU2 Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RJ45 10/100/1000 Base-T Jack with Magnetic Module
STANDARD SPECIFICATIONS
at 25˚C
APPLICATIONS:
FEATURES:
ARJ11C
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 11.27.13
Visit www.abracon.com for Terms & Conditions of Sale
16.00 x 13.6 x 21.5mm/
16.50 x 13.85 x 26.65 mm
Operating Temperature: - 0°C to + 70°C
Storage Temperature:
- 40°C to +85°C
RoHS
Compliant
• LAN-on-Motherboard (LOM)
• SOHO (ADSL modems), Hubs.
• Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP
• Excellent EMI suppression
• Meet IEEE 802.3 standards and FCC mechanical requirements
Low Cost, RoHS Compliant Reflow-able device
Part Number
Turns
Ratio
EMI
Fingers
LED
(L/R)
Insertion
Loss
(dB max)
Return Loss (dB min @100Ω±15Ω)
TX
RX
0.3-100
MHz
1- 30
MHz
40
MHz
50
MHz
60 - 100
MHz
ARJ11C-MBSAS-A-BA-□ MU2
1CT:1CT
1CT:1CT
Yes
G/YG
-1.2
-16
-13.5
-11.5
-10
ARJ11C-MBSAT-A-B-□ MU2
1CT:1CT
1CT:1CT
Yes
G/Y
-1.2
-16
-13.5
-11.5
-10
ARJ11C-MBSAS-A-B-□ MU2
1CT:1CT
1CT:1CT
Yes
G/Y
-1.2
-16
-13.5
-11.5
-10
ARJ11C-MBSAU- A-B-□ MU2
1CT:1CT
1CT:1CT
Yes
G/Y
-1.2
-16
-13.5
-11.5
-10
ARJ11C-MCSAT- A-B-□ MU2
1CT:1CT
1CT:1CT
Yes
G/Y
-1.1
-15
-15
-15
-12
ARJ11C-MASAA- B-A-□ LU2
1CT:1
1CT:1CT
Yes
Y/G
-1.2
-14
-14
-14
-10
ARJ11C-MASAB- B-A-□ MU2
1CT:1CT
1CT:1CT
Yes
Y/G
-1.2
-14
-14
-14
-10
ARJ11C-MASAD- A-A-□ MU2
1CT:1CT
1CT:1CT
Yes
G/G
-1.2
-14
-14
-14
-10
Part Number
Crosstalk
(dB min)
DCMR
(dB min)
Hipot
(Vrms)
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
ARJ11C-MBSAS-A-BA-□ MU2
-40
-36
-30
-35
-32
-30
1500
ARJ11C-MBSAT-A-B-□ MU2
-40
-36
-30
-35
-32
-30
1500
ARJ11C-MBSAS-A-B-□ MU2
-40
-36
-30
-35
-32
-30
1500
ARJ11C-MBSAU- A-B-□ MU2
-40
-36
-30
-35
-32
-30
1500
ARJ11C-MCSAT- A-B-□ MU2
-35
-26
-24
-35
-32
-30
1500
ARJ11C-MASAA- B-A-□ LU2
-40
-36
-30
-35
-32
-30
1500
ARJ11C-MASAB- B-A-□ MU2
-40
-36
-30
-35
-32
-30
1500
ARJ11C-MASAD- A-A-□ MU2
-40
-36
-30
-35
-32
-30
1500
DCMR: Differential to Common Mode Rejection
Contact Abracon for more custom configurations. See options to build a custom configuration.
□ : LED Polarity Option
ARJ11C-MA:
1 or 2
ARJ11C-MBSAS: 7
ARJ11C-MB:
3 or 4
ARJ11C-MC:
5 or 6
Contact Abracon for more custom configurations. See options to build a custom configuration.
Operating life: 750 Cycles min.


Similar Part No. - ARJ11C-MASAA-B-A-LU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
More results

Similar Description - ARJ11C-MASAA-B-A-LU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C ABRACON-ARJ11C Datasheet
5Mb / 8P
   10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11F ABRACON-ARJ11F Datasheet
2Mb / 4P
   10/100/1000 Base-T Jack with Magnetic Module
05.09.11
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com