Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57026D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA57026D
Description  300 mA LDO with ON/OFF control and independent delayed RESET function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57026D Datasheet(HTML) 5 Page - NXP Semiconductors

  SA57026D Datasheet HTML 1Page - NXP Semiconductors SA57026D Datasheet HTML 2Page - NXP Semiconductors SA57026D Datasheet HTML 3Page - NXP Semiconductors SA57026D Datasheet HTML 4Page - NXP Semiconductors SA57026D Datasheet HTML 5Page - NXP Semiconductors SA57026D Datasheet HTML 6Page - NXP Semiconductors SA57026D Datasheet HTML 7Page - NXP Semiconductors SA57026D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product data
SA57026
300 mA LDO with ON/OFF control and
independent delayed RESET function
2003 Oct 13
5
APPLICATION INFORMATION
Input capacitor
An input capacitor of
≥1 µF is required to eliminate the AC coupling
noise. This capacitor must be located as close as possible to VIN or
GND pin (not more than 1 cm) and returned to a clean analog
ground. Any good quality ceramic, tantalum or film capacitor will
work.
Output capacitor
Phase compensation is made for securing stable operation, even if
the load current varies. For this reason, an output capacitor with
good frequency characteristics is needed. Set it as close to the
circuit as possible, with wires as short as possible.
Tha value of the output capacitance has to be at least 47
µF
connected from VOUT to GND. When operating from sources other
than batteries, supply-noise rejection and transient response can be
improved by increasing the value of the input and output capacitors
and employing passive filtering techniques.
ON/OFF
The regulator is fully enabled when a logic HIGH is applied to this
input. The regulator enters shutdown when a logic LOW is appplied
to this input. During shutdown, regulator output voltage falls to zero,
RESET remains valid and supply current is reduced to 5
µA (typ). If
the function is not to be used, the ON/OFF pin should be tied to VIN.
RESET output
The SA57066 has an Active-LOW RESET output. The RESET
output is driven Active-LOW within 30
µs typical (when Cd is zero
capacitance). The time delay can be adjusted up to 10 ms typical
(when Cd is 0.1
µF) of VDET falling through the reset voltage
threshold. RESET is maintained Active-HIGH after VDET rises above
thre reset threshold.
RESET output delay operation with an external capacitor from
Cd pin to GND
When the supply voltage crosses the release voltage (VDET) from a
low value to a value higher than the released voltage (VDET), the Cd
pin voltage starts to increase (charges up the external capacitor).
While the RESET output remains at LOW state condition until the
Cd pin voltage reaches the threshold operating voltage (VOPL) 0.4 V
typical; after that, the RESET output is reversed to HIGH state
condition.
The transmission delay time (tPLH) can be set with the capacitance
Cd of an external cpacitor as shown in Equation (1):
t
PLH + 10
6
C
Eqn. (1)
(Time is expressed in seconds; capacitance in Farads.)
PCB layout
The component placement around the LDO should be done carefully
to achieve good dynamic line and load response. The input and
noise capacitors should be kept close to the LDO.
The rise in junction temperature depends on how efficiently the heat
is carried away from the junction to ambient. The junction to lead
thermal impedance is a characteristic of the package and fixed. The
thermal impedance between lead to ambient can be reduced by
increasing the copper area on the PCB. Increase the input, output
and ground trace area to reduce the junction-to-ambient impedance.
SA57026
5
VOUT
7
2
4
6
1
3
Cd
C
0.1
µF
COUT
47
µF
R
ON/OFF
R
4.7 k
VIN
RESET
C
1
µF
SL01530
Figure 3. Typical application circuit.


Similar Part No. - SA57026D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57022-18D PHILIPS-SA57022-18D Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
SA57022-25D PHILIPS-SA57022-25D Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
SA57022-28D PHILIPS-SA57022-28D Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
SA57022-30D PHILIPS-SA57022-30D Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
SA57022-33D PHILIPS-SA57022-33D Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
More results

Similar Description - SA57026D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
NXP Semiconductors
SA57022-XX PHILIPS-SA57022-XX Datasheet
80Kb / 8P
   500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Vishay Siliconix
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
logo
Torex Semiconductor
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
   Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
Rev. C
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com