Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ21A-MBSD-A-B-EMU2 Datasheet(PDF) 6 Page - Abracon Corporation

Part # ARJ21A-MBSD-A-B-EMU2
Description  RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJ21A-MBSD-A-B-EMU2 Datasheet(HTML) 6 Page - Abracon Corporation

  ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 1Page - Abracon Corporation ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 2Page - Abracon Corporation ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 3Page - Abracon Corporation ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 4Page - Abracon Corporation ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 5Page - Abracon Corporation ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 6Page - Abracon Corporation ARJ21A-MBSD-A-B-EMU2 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LED POLARITY
||| | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.22.13
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
ARJ21A
RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
17.27 x 28.40 x 25.30 mm
11
12
13
14
LEFT
RIGHT
15
16
17
18
LEFT
RIGHT
E
Packaging material: PET
PACKING: 44pcs/tray
Outer carton unit:704 pcs/ 16 Trays/box
Dimensions: cm


Similar Part No. - ARJ21A-MBSD-A-B-EMU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results

Similar Description - ARJ21A-MBSD-A-B-EMU2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
logo
Premier Magnetics, Inc.
RJ7-1201ND2 PMI-RJ7-1201ND2 Datasheet
907Kb / 4P
   RJ45 10/100/1000 Base-TX 2x1 Jack With Magnetics Module
logo
Abracon Corporation
ARJ14A ABRACON-ARJ14A Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ14A-MESC-MU2 ABRACON-ARJ14A-MESC-MU2 Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJ12A-MASD-A ABRACON-ARJ12A-MASD-A Datasheet
13Mb / 7P
   RJ45 10/100/1000 Base-TX Tab down 1x2 Jack with Magnetic Module
06.09.14
ARJP11A ABRACON-ARJP11A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A ABRACON-ARJP11A-MBSB-A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ14A-MFSB ABRACON-ARJ14A-MFSB Datasheet
6Mb / 12P
   RJ45 10/100/1000 Base-TX Tab down 1x4 Jack with Magnetic Module
01.26.16
ARJP11B ABRACON-ARJP11B Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com