Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJP11C-MASD-AB Datasheet(PDF) 2 Page - Abracon Corporation

Part # ARJP11C-MASD-AB
Description  RJ45 10/100 Base-T Jack with Magnetic Module and PoE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ARJP11C-MASD-AB Datasheet(HTML) 2 Page - Abracon Corporation

  ARJP11C-MASD-AB Datasheet HTML 1Page - Abracon Corporation ARJP11C-MASD-AB Datasheet HTML 2Page - Abracon Corporation ARJP11C-MASD-AB Datasheet HTML 3Page - Abracon Corporation ARJP11C-MASD-AB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MECHANICAL DIMENSIONS
| | | | | | | | | | | | | | |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
16.6 x 13.5 x 32.6 mm
RoHS
Compliant
RJ45 10/100 Base-T Jack with Magnetic Module and PoE
ARJP11C
MA
MB
LED
LED
LLC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.18.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale


Similar Part No. - ARJP11C-MASD-AB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJP11C-MASD-AB-A-FMU2 ABRACON-ARJP11C-MASD-AB-A-FMU2 Datasheet
2Mb / 4P
   RJ45 10/100 Base-T Jack with Magnetic Module and PoE
04.18.16
More results

Similar Description - ARJP11C-MASD-AB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJP11C ABRACON-ARJP11C Datasheet
2Mb / 4P
   RJ45 10/100 Base-T Jack with Magnetic Module and PoE
04.18.16
ARJ-146 ABRACON-ARJ-146 Datasheet
1Mb / 2P
   RJ45 1000 Base-T Jack with Magnetic Module and PoE
05.07.13
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJP11A ABRACON-ARJP11A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJP11A-MBSB-A ABRACON-ARJP11A-MBSB-A Datasheet
1Mb / 3P
   RJ45 PoE 10/100 Base-TX Jack with Magnetic Module
05.13.16
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com