Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASEMCLP-LR-T3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASEMCLP-LR-T3
Description  LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORSILLATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMCLP-LR-T3 Datasheet(HTML) 3 Page - Abracon Corporation

  ASEMCLP-LR-T3 Datasheet HTML 1Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 2Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 3Page - Abracon Corporation ASEMCLP-LR-T3 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TM
MECHANICAL DIMENSIONS
Recommended Land Pattern
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.17.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
ASEMCLP
Pb RoHS
Compliant
LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA
MINIATURE PURE SILICON™ SMD CLOCK OSCILLATORSILLATORS
3.2 x 2.5 x 0.85 mm
.
ASEMCLP
Pin No.
Pin Name
Pin Type
Description
1
Enable
I
Enables outputs when high and disables when low
2
NC
NA
Leave unconnected or grounded
3
NC
NA
Leave unconnected or grounded
4
GND
Power
Ground
5
FS0
I
Least significant bit for frequency selection
6
FS1
I
Most significant bit for frequency selection
7
NC
NA
Leave unconnected or grounded
8
Output+
O
Positive LVPECL Output
9
Output-
O
Negative LVPECL Output
10
NC
NA
Leave unconnected or grounded
11
NC
NA
Leave unconnected or grounded
12
VDD2
Power
Power Supply
13
VDD
Power
Power Supply
14
NC
NA
Leave unconnected or grounded
Dimensions: mm (inches)


Similar Part No. - ASEMCLP-LR-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMCLP ABRACON-ASEMCLP Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
More results

Similar Description - ASEMCLP-LR-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEMCLP ABRACON-ASEMCLP Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE LVPECL OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
ASEMCLV ABRACON-ASEMCLV Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE LVDS OUTPUT ULTRA MINIATURE PURE SILICON SMD CLOCK OSCILLATORSILLATORS
11.17.14
ASEMCHC ABRACON-ASEMCHC Datasheet
1Mb / 4P
   LOW JITTER PIN CONFIGURABLE HCSL OUTPUT ULTRA MINIATURE PURE SILICON??SMD CLOCK OSCILLATORS
08.25.11
ASEMDLP-LR ABRACON-ASEMDLP-LR Datasheet
2Mb / 4P
   ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT
11.05.14
ASEMDLP ABRACON-ASEMDLP Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE DUAL LVPECL OUTPUT ASEMDLP ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMCC3-LR ABRACON-ASEMCC3-LR Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.17.14
ASEMCC ABRACON-ASEMCC Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.17.14
ASEMCC3 ABRACON-ASEMCC3 Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.10.11
ASEMDC ABRACON-ASEMDC Datasheet
3Mb / 4P
   LOW JITTER PIN CONFIGURABLE DUAL CMOS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
11.05.14
ASEMDLV ABRACON-ASEMDLV Datasheet
2Mb / 4P
   LOW JITTER PIN CONFIGURABLE DUAL LVDS OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
02.06.14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com