Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD5406NT4G-VF01 Datasheet(PDF) 3 Page - ON Semiconductor

Part # STD5406NT4G-VF01
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD5406NT4G-VF01 Datasheet(HTML) 3 Page - ON Semiconductor

  STD5406NT4G-VF01 Datasheet HTML 1Page - ON Semiconductor STD5406NT4G-VF01 Datasheet HTML 2Page - ON Semiconductor STD5406NT4G-VF01 Datasheet HTML 3Page - ON Semiconductor STD5406NT4G-VF01 Datasheet HTML 4Page - ON Semiconductor STD5406NT4G-VF01 Datasheet HTML 5Page - ON Semiconductor STD5406NT4G-VF01 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD5406N, STD5406N
www.onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 100°C
02
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
Figure 1. On−Region Characteristics
3
20
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
2
1
0.8
0.6
50
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = −55°C
75
TJ = 25°C
ID = 10 A
VGS = 10 V
TJ = 25°C
VGS = 10 V
1
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 100°C
4 V
3.8 V
VGS = 5 V
VDS ≥ 10 V
10
18
3.6 V
4
20
80
VGS = 7 V to 10 V
40
125
100
5
10
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.01
0.015
0.02
0.03
36
0.005
4
0.012
0.004
0.008
0.006
0.010
10000
610
12
20
30
40
1.8
12
4
4.8 V
0.025
8
60
50
40
60
ID = 30 A
TJ = 25°C
100
16
14
2
8
4.4 V
7
59
0.014
0.016
0.018
10
1.6
1.4
1.2
150
13
7
59
20
4.2 V
8
67
0
80
50
70
4.6 V
0.020
46
8
60
70
30
10
50
5 V
6 V
10
30
1000
10
TJ = 175°C


Similar Part No. - STD5406NT4G-VF01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STD5407N ONSEMI-STD5407N Datasheet
120Kb / 6P
   40 V, 38 A, Single N-Channel, DPAK
July, 2013 ??Rev. 5
STD5407N ONSEMI-STD5407N Datasheet
82Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 7
STD5407NT4G ONSEMI-STD5407NT4G Datasheet
82Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 7
logo
Visual Communications C...
STD540BLK VCC-STD540BLK Datasheet
67Kb / 1P
   STD
More results

Similar Description - STD5406NT4G-VF01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com