Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0768611120 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0768611120
Description  EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0768611120 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0768611120_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0768611120_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0768611120
Status:
Active
Overview:
EdgeLine® High Speed Connectors
Description:
EdgeLine® ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB
Thickness, 30.0A Power Module, 54 Circuits, 2 Power Circuits
Documents:
3D Model
Packaging Specification PK-170545-9000 (PDF)
Drawing (PDF)
Packaging Specification PK-76861-900 (PDF)
Product Specification PS-76861-100-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76693-100-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Edge Card Connectors
Series
76861
Application Tooling Part Link
62100-6800
Circuit Size Range
1-64 Circuits
Component Type
Edgecard to PCB
Data Rate
12.5-20.0 Gbps
Edge Card Thickness
1.57mm
High Power Bay (30.0A or more)
Yes
Orientation
Vertical
Overview
EdgeLine® High Speed Connectors
Product Name
EdgeLine®
Standard Based
General
UPC
884982050242
Physical
(p)ower-(s)ignal Configuration
54s - 1p
Circuits (Loaded)
54
Circuits (maximum)
56
Color - Resin
Black
Durability (mating cycles max)
200
Entry Angle
N/A
Flammability
94V-0
Keying to Mating Part
N/A
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
5.550/g
PCB Locator
No
PCB Thickness - Recommended
2.79mm
Packaging Type
Tray
Pitch - Mating Interface
0.80mm
Pitch - Termination Interface
0.80mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
76861 Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Removal Tool
0621006800


Similar Part No. - 0768611120_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0768611000 MOLEX1-0768611000_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm
More results

Similar Description - 0768611120_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0768611000 MOLEX1-0768611000_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm
1706732080 MOLEX1-1706732080_17 Datasheet
35Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706732108 MOLEX1-1706732108_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706731046 MOLEX1-1706731046_17 Datasheet
35Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706731200 MOLEX1-1706731200_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706732278 MOLEX1-1706732278_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1705451150 MOLEX1-1705451150_17 Datasheet
38Kb / 2P
   EdgeLine ESP, Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB
1706721170 MOLEX1-1706721170_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
0766931170 MOLEX1-0766931170_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
1706722278 MOLEX1-1706722278_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com