Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0621006800 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0621006800
Description  EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0621006800 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0621006800 Datasheet HTML 1Page - Molex Electronics Ltd. 0621006800 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
1.5A, 30.0A
Voltage - Maximum
250V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76693-100-001
Packaging Specification
PK-170545-9000, PK-76861-900
Product Specification
PS-76861-100-001
Sales Drawing
SD-76861-1130, SD-76861-120
Symbol/Footprint Data
SYM-76861-1120
This document was generated on 03/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0621006800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621006800 MOLEX-0621006800 Datasheet
29Kb / 1P
   Removal Tool
06/25/2021
More results

Similar Description - 0621006800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0768611000 MOLEX1-0768611000_17 Datasheet
42Kb / 2P
   EdgeLine ESP Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm
1706732080 MOLEX1-1706732080_17 Datasheet
35Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706732108 MOLEX1-1706732108_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706731046 MOLEX1-1706731046_17 Datasheet
35Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706731200 MOLEX1-1706731200_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1706732278 MOLEX1-1706732278_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness
1705451150 MOLEX1-1705451150_17 Datasheet
38Kb / 2P
   EdgeLine ESP, Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB
1706721170 MOLEX1-1706721170_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
0766931170 MOLEX1-0766931170_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
1706722278 MOLEX1-1706722278_17 Datasheet
34Kb / 2P
   EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 2.36mm PCB Thickness
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com