Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFT2080C-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VFT2080C-E3
Description  Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFT2080C-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VFT2080C-E3 Datasheet HTML 1Page - Vishay Siliconix VFT2080C-E3 Datasheet HTML 2Page - Vishay Siliconix VFT2080C-E3 Datasheet HTML 3Page - Vishay Siliconix VFT2080C-E3 Datasheet HTML 4Page - Vishay Siliconix VFT2080C-E3 Datasheet HTML 5Page - Vishay Siliconix VFT2080C-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VT2080C-E3, VFT2080C-E3, VBT2080C-E3, VIT2080C-E3
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-16
2
Document Number: 89166
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode
IF = 5 A
TA = 25 °C
VF (1)
0.57
-
V
IF = 10 A
0.67
0.81
IF = 5 A
TA = 125 °C
0.52
-
IF = 10 A
0.60
0.70
Reverse current per diode
VR = 80 V
TA = 25 °C
IR (2)
20
600
μA
TA = 125 °C
10
20
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT2080C
VFT2080C
VBT2080C
VIT2080C
UNIT
Typical thermal resistance
per diode
RJC
3.0
6.0
3.0
3.0
°C/W
per device
2.0
5.0
2.0
2.0
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT2080C-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VFT2080C-E3/4W
1.73
4W
50/tube
Tube
TO-263AB
VBT2080C-E3/4W
1.36
4W
50/tube
Tube
TO-263AB
VBT2080C-E3/8W
1.36
8W
800/reel
Tape and reel
TO-262AA
VIT2080C-E3/4W
1.44
4W
50/tube
Tube


Similar Part No. - VFT2080C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080C-E3 VISHAY-VFT2080C-E3 Datasheet
163Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 11-Sep-13
VFT2080C-E3 VISHAY-VFT2080C-E3 Datasheet
204Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VFT2080C-E3/4W VISHAY-VFT2080C-E3/4W Datasheet
148Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
More results

Similar Description - VFT2080C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT2080C-M3 VISHAY-VBT2080C-M3 Datasheet
90Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
VBT1080S-M3 VISHAY-VBT1080S-M3 Datasheet
90Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-May-13
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V60200PG VISHAY-V60200PG Datasheet
104Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Oct-08
VF30M120C-M3 VISHAY-VF30M120C-M3 Datasheet
92Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 02-Dec-13
VB30M120C-E3 VISHAY-VB30M120C-E3 Datasheet
93Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 03-Jan-17
V60170PW-M3 VISHAY-V60170PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
V60H150PW-M3 VISHAY-V60H150PW-M3 Datasheet
94Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 10 A
Revision: 04-Dec-13
VBT3080C-M3 VISHAY-VBT3080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VFT3080S-M3 VISHAY-VFT3080S-M3 Datasheet
89Kb / 4P
   Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
Revision: 11-Sep-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com