Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2731-20M Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PH2731-20M
Description  Radar Pulsed Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PH2731-20M Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PH2731-20M_17 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PH2731-20M_17 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PH2731-20M_17 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PH2731-20M_17 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Radar Pulsed Power Transistor
20W, 2.7-3.1 GHz, 100µs Pulse, 10% Duty
Rev. V1
PH2731-20M
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 NPN silicon microwave power transistors
 Common base configuration
 Broadband Class C operation
 High efficiency inter-digitized geometry
 Diffused emitter ballasting resistors
 Gold metallization system
 Internal input and output impedance matching
 Hermetic metal/ceramic package
 RoHS compliant
Electrical Specifications: TC = 25 ± 5°C (Room Ambient )
Parameter
Test Conditions
Frequency
Symbol
Min
Max
Units
Collector-Emitter Breakdown Voltage IC = 10mA
BVCES
65
-
V
Collector-Emitter Leakage Current
VCE = 40V
ICES
-
1.5
mA
Thermal Resistance
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
RTH(JC)
-
2.5
°C/W
Output Power
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
POUT
20
-
W
Power Gain
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
GP
8.2
-
dB
Collector Efficiency
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
C
45
-
%
Input Return Loss
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
RL
-
-6
dB
Load Mismatch Tolerance
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
VSWR-T
-
3:1
-
Load Mismatch Stability
Vcc = 36V, Pin = 3.0W
F = 2.7, 2.9, 3.1 GHz
VSWR-S
-
1.5:1
-
Absolute Maximum Ratings at 25°C
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCES
65
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current (Peak)
IC
1.85
A
Power Dissipation @ +25°C
PTOT
70
W
Storage Temperature
TSTG
-65 to +200
°C
Junction Temperature
TJ
200
°C
Outline Drawing


Similar Part No. - PH2731-20M_17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2731-20M MACOM-PH2731-20M Datasheet
148Kb / 2P
   Radar Pulsed Power Transistor, 2OW, loops Pulse, 10% Duty 2.7 - 3.1 GHz
logo
M/A-COM Technology Solu...
PH2731-20M MA-COM-PH2731-20M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 20W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2731-20M MACOM-PH2731-20M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 20W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
More results

Similar Description - PH2731-20M_17

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-0.85L MA-COM-PH1214-0.85L Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00_15 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor
PH3135-5M MA-COM-PH3135-5M_15 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
PH3135-90S MA-COM-PH3135-90S_15 Datasheet
100Kb / 2P
   Radar Pulsed Power Transistor
PH1214-100EL MA-COM-PH1214-100EL_17 Datasheet
655Kb / 4P
   Radar Pulsed Power Transistor
PH1214-110M MA-COM-PH1214-110M_17 Datasheet
656Kb / 4P
   Radar Pulsed Power Transistor
PH1214-300M MA-COM-PH1214-300M_17 Datasheet
681Kb / 5P
   Radar Pulsed Power Transistor
PH1214-2M MA-COM-PH1214-2M_17 Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor
PH1214-25M MA-COM-PH1214-25M_17 Datasheet
648Kb / 4P
   Radar Pulsed Power Transistor
MAPR-001214-380M MA-COM-MAPR-001214-380M_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com