Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4818DY-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4818DY-T1
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4818DY-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4818DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4818DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si4818DY
Vishay Siliconix
www.vishay.com
2
Document Number: 71122
S-31062—Rev. B, 26-May-03
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED).
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS ID = 250 mA
Ch-1
0.8
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
Ch-2
1.0
V
Gate Body Leakage
IGSS
VDS = 0 V VGS = 20 V
Ch-1
100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = 20 V
Ch 1
Ch-2
100
nA
VDS = 24 V VGS = 0 V
Ch-1
1
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V
Ch 1
Ch-2
100
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V VGS = 0 V TJ = 85_C
Ch-1
15
mA
VDS = 24 V, VGS = 0 V, TJ = 85_C
Ch 1
Ch-2
2000
On State Drain Currentb
ID( )
VDS = 5 V VGS = 10 V
Ch-1
20
A
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
Ch 1
Ch-2
30
A
VGS = 10 V, ID = 6.3 A
Ch-1
0.018
0.022
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 9.5 A
Ch 1
Ch-2
0.0125
0.0155
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 5.4 A
Ch-1
0.024
0.030
W
VGS = 4.5 V, ID = 8.2 A
Ch 1
Ch-2
0.0165
0.0205
Forward Transconductanceb
gf
VDS = 15 V, ID = 6.3 A
Ch-1
17
S
Forward Transconductanceb
gfs
VDS = 15 V, ID = 9.5 A
Ch 1
Ch-2
28
S
Diode Forward Voltageb
VSD
IS = 1.3 A, VGS = 0 V
Ch-1
0.7
1.1
V
Diode Forward Voltageb
VSD
IS = 1 A, VGS = 0 V
Ch 1
Ch-2
0.47
0.5
V
Dynamica
Total Gate Charge
Qg
Ch-1
8.0
12
Total Gate Charge
Qg
Channel-1
Ch-2
15
23
Gate Source Charge
Q
Channel 1
VDS = 15 V, VGS = 5 V, ID = 6.3 A
Ch-1
1.75
nC
Gate-Source Charge
Qgs
Channel-2
Ch 1
Ch-2
5.3
nC
Gate Drain Charge
Q d
Channel 2
VDS = 15 V, VGS = 5 V, ID = - 9.5 A
Ch-1
3.2
Gate-Drain Charge
Qgd
Ch 1
Ch-2
4.6
Gate Resistance
R
Ch-1
1.5
6.1
W
Gate Resistance
Rg
Ch 1
Ch-2
0.5
2.6
W
Turn On Delay Time
td( )
Ch-1
10
20
Turn-On Delay Time
td(on)
Channel 1
Ch 1
Ch-2
15
30
Rise Time
t
Channel-1
VDD = 15 V, RL = 15 W
Ch-1
5
10
Rise Time
tr
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
Ch 1
Ch-2
5
10
Turn Off Delay Time
td( ff)
Channel-2
Ch-1
26
50
ns
Turn-Off Delay Time
td(off)
Channel-2
VDD = 15 V, RL = 15 W
I
^ 1 A V
10 V R
6
W
Ch 1
Ch-2
44
80
ns
Fall Time
tf
DD
L
ID ^ 1 A, VGEN = 10 V, RG = 6 W
Ch-1
8
16
Fall Time
tf
Ch 1
Ch-2
12
24
Source Drain Reverse Recovery Time
t
IF = 1.3 A, di/dt = 100 A/ms
Ch-1
30
60
Source-Drain Reverse Recovery Time
trr
IF = 2.2 A, di/dt = 100 mA/ms
Ch 1
Ch-2
32
70
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
Forward Voltage Drop
VF
IF = 1.0 A, TJ = 125_C
0.36
0.42
V
Vr = 30 V
0.004
0.100
Maximum Reverse Leakage Current
Irm
Vr = 30 V, TJ = 100_C
0.7
10
mA
g
rm
Vr = - 30 V, TJ = 125_C
3.0
20
Junction Capacitance
CT
Vr = 10 V
50
pF


Similar Part No. - SI4818DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4818DY VISHAY-SI4818DY Datasheet
139Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI4818DY VISHAY-SI4818DY_V01 Datasheet
139Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

Similar Description - SI4818DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com