Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV74 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAV74
Description  Dual surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV74 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BAV74_13 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV74_13 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV74_13 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
Dual surface mount switching diode
BAV74
C036
www.gmicroelec.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BAV74
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
A
B
C
D
E
J
H
K
G
0.90
0.80
2.00
0.95
0.95


Similar Part No. - BAV74_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV74 MCC-BAV74_13 Datasheet
314Kb / 3P
   225mW 50 Volt Dual Switching Diode
More results

Similar Description - BAV74_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com