Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU6A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBU6A
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBU6A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KBU6A_12 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBU6A_12 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KBU6A_12 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Silicon Bridge Rectifiers
KBU6A--KBU6M
Document Number:KBU801AA
www.gmicroelec.com
1
FEATURES
UL Recognized File
High surge current capability
Ideal for printed circuit board
Reliable low cost construction technique results in inexpensive product
High temperature soldering guaranteed:
250 / 10 seconds / 0.375" ( 9.5mm ) lead length at 5lbs.
Mounting position: Any
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBU6A
KBU6B
KBU6D
KBU6G
KBU6J
KBU6K
KBU6M
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward Output current
@TA=65℃
IF(AV)
6.0
A
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
IFSM
250.0
A
Thermal Characteristics
Characteristic
Symbol
KBU6A
KBU6B
KBU6D
KBU6G
KBU6J
KBU6K
KBU6M
UNITS
Operating junction temperature range
TJ
- 55 ---- + 125
Storage temperature range
TSTG
- 55 ---- + 150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
KBU6A
KBU6B
KBU6D
KBU6G
KBU6J
KBU6K
KBU6M
UNITS
Maximum instantaneous forward voltage
@3.0A
VF
1.0
V
Maximum reverse current @TA=25 ℃
at rated DC blocking voltage @TA=100℃
IR
10.0
1.0
μA
mA
Pb
Lead-free


Similar Part No. - KBU6A_12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBU6A PFS-KBU6A_1 Datasheet
233Kb / 2P
   High forward surge current capability
logo
Fairchild Semiconductor
KBU6A FAIRCHILD-KBU6A_10 Datasheet
169Kb / 3P
   Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_10 Datasheet
111Kb / 2P
   Silicon-Bridge-Rectifiers
logo
GeneSiC Semiconductor, ...
KBU6A GENESIC-KBU6A_16 Datasheet
295Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results

Similar Description - KBU6A_12

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com