Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9061-xxAM2-A Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # DA9061-xxAM2-A
Description  PMIC for applications requiring up to 6 A
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9061-xxAM2-A Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button DA9061-xxAM2-A Datasheet HTML 3Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 4Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 5Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 6Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 7Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 8Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 9Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 10Page - Dialog Semiconductor DA9061-xxAM2-A Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
DA9061
PMIC for applications requiring up to 6 A
Datasheet
Revision 3.3
04-Apr-2017
CFR0011-120-00
7 of 82
© 2017 Dialog Semiconductor
Pin No.
Pin Name
Type
Table 2
Description
34
NC
Do not use. Leave floating.
35
NC
Do not use. Leave floating.
36
TP
DIO
Test pin
37
nIRQ
DO
Interrupt signal to host processor
38
nRESET
DO
Reset output
39
VDDCORE
AO
Internal supply
40
VSYS
PS
System supply, LDO1 supply
Table 2: Pin Type Definition
Pin type
Description
Pin type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
PS
Power Supply
GND
Ground connection


Similar Part No. - DA9061-xxAM2-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9061-XXAM2-A DIALOG-DA9061-XXAM2-A Datasheet
1Mb / 82P
   Entry level PMIC for applications requiring up to 6 A
DA9061-XXAM2-A DIALOG-DA9061-XXAM2-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061-XXAM2-AT DIALOG-DA9061-XXAM2-AT Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
More results

Similar Description - DA9061-xxAM2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
   Entry level PMIC for applications requiring up to 6 A
DA9062 DIALOG-DA9062_16 Datasheet
1Mb / 96P
   PMIC for applications requiring up to 8.5 A
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
   PMIC for Applications Requiring up to 8.5 A
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
DA9062 RENESAS-DA9062 Datasheet
1Mb / 101P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Dialog Semiconductor
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com