Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9062-xxAM2 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA9062-xxAM2
Description  PMIC for applications requiring up to 8.5 A
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062-xxAM2 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA9062-xxAM2 Datasheet HTML 7Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 8Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 9Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 10Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 11Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 12Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 13Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 14Page - Dialog Semiconductor DA9062-xxAM2 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
DA9062
PMIC for applications requiring up to 8.5 A
Datasheet
Revision 3.3
24-Nov-2016
11 of 96
© 2016 Dialog Semiconductor
4.2
Watchdog
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 ºC, VSYS = 2.8 V to 5.5 V.
Table 6: Watchdog Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Minimum watchdog time
tWDMIN
External 32 kHz oscillator
110
ms
Internal 25 kHz oscillator
200
ms
Maximum watchdog time
tWDMAX
External 32 kHz oscillator
2
s
Internal 25 kHz oscillator
2.5
s
Minimum assert time of
WDKICK
tWDKICKMIN
150
µs
4.3
2-Wire Interface
Figure 3: 2-Wire Interface Timing
STOP
SDA
SCL
tF
tR
tF
START
tH_STA
tH_D
1/fSCL
VIH
VIL
VIH
VIL
tSU_D
tLOW
tHIGH
tVD_D
ACK
tVD_ACK
tSU_STO


Similar Part No. - DA9062-xxAM2

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9062-XXAM2 DIALOG-DA9062-XXAM2 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
DA9062-XXAM2-A DIALOG-DA9062-XXAM2-A Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
More results

Similar Description - DA9062-xxAM2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9062-A RENESAS-DA9062-A Datasheet
1Mb / 99P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
DA9062 RENESAS-DA9062 Datasheet
1Mb / 101P
   PMIC for Applications Requiring up to 8.5 A
15-Feb-2022
logo
Dialog Semiconductor
DA9062-A DIALOG-DA9062-A Datasheet
1Mb / 93P
   PMIC for Applications Requiring up to 8.5 A
DA9062 DIALOG-DA9062 Datasheet
1Mb / 93P
   Entry level PMIC for applications requiring up to 8.5 A
logo
Renesas Technology Corp
DA9061-A RENESAS-DA9061-A Datasheet
1Mb / 91P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
DA9061 RENESAS-DA9061 Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
11-Feb-2022
logo
Dialog Semiconductor
DA9061 DIALOG-DA9061_17 Datasheet
1Mb / 82P
   PMIC for applications requiring up to 6 A
DA9061-A DIALOG-DA9061-A Datasheet
1Mb / 86P
   PMIC for Applications Requiring up to 6 A
DA9061 DIALOG-DA9061 Datasheet
1Mb / 82P
   Entry level PMIC for applications requiring up to 6 A
logo
Pentair plc. All rights...
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com