Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9063-xxHK2-A Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # DA9063-xxHK2-A
Description  System PMIC for Mobile Application Processors
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063-xxHK2-A Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button DA9063-xxHK2-A Datasheet HTML 4Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 5Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 6Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 7Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 8Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 9Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 10Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 11Page - Dialog Semiconductor DA9063-xxHK2-A Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
8 of 219
© 2017 Dialog Semiconductor
3
Regulator Overview
Table 1: Regulators
Regulator
Supplied Pins
Supplied
Voltage
(V)
Supplied
Max.
Current
(mA)
External
Component
Notes
BUCKCORE1
VBUCKCORE1
0.3 to
1.57
1250/
2500
(full-current
mode)
1.0 µH/
44 µF /
88 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5, 1.0, 2.0, 4.0] µs)
10 mV steps
< 0.7 V PFM mode only
2500 mA in full-current
mode (double pass device
and current limit)
Provides dual-phase buck
with up to 5 A if combined
with BUCKCORE2
BUCKCORE2
VBUCKCORE2
0.3 to
1.57
1250/
2500
(full-current
mode)
1.0 µH/
44/88 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
10 mV steps
< 0.7 V PFM mode only
2500 mA in full-current
mode (double pass device
and current limit)
Provides dual-phase Buck
if combined with
BUCKCORE1
BUCKPRO
VBUCKPRO
0.53 to
1.80
1250/
2500
(full-current
mode)
1.0 µH/
44/88 µF
GPIO and host interface-
controlled DVC with
variable slew rate, (10 mV
in [0.5/1.0/2.0/4.0] µs)
10 mV steps and VTT
regulator mode
< 0.7 V PFM mode only
2500 mA in full-current
mode (double pass device
and current limit)
BUCKMEM
VBUCKMEM
0.8 to
3.34
1500
1.0 µH/
44 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps
Can be merged with
BUCK_IO towards single
buck with up to 3 A output
current
BUCKIO
VBUCKIO
0.8 to
3.34
1500
1.0 µH/
44 µF
GPIO and host interface-
controlled DVC with
variable slew rate (10 mV
in [0.5/1.0/2.0/4.0] µs)
20 mV steps, can be
merged with BUCK_MEM


Similar Part No. - DA9063-xxHK2-A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
DA9063-EVAL APEX-DA9063-EVAL Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - DA9063-xxHK2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
   System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
   System PMIC for Dual/Quad-Core Processors
21-Feb-2022
DA9063L RENESAS-DA9063L Datasheet
2Mb / 207P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
Dialog Semiconductor
DA9063L DIALOG-DA9063L Datasheet
2Mb / 173P
   System PMIC for Mobile and Automotive Applications
logo
Renesas Technology Corp
DA9063 RENESAS-DA9063 Datasheet
3Mb / 242P
   System PMIC for Mobile and Automotive Applications
11-Feb-2022
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550_V01 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 7 - 29 September 2021
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com