Electronic Components Datasheet Search |
|
DA14581-00AT2 Datasheet(PDF) 8 Page - Dialog Semiconductor |
|
DA14581-00AT2 Datasheet(HTML) 8 Page - Dialog Semiconductor |
8 / 153 page Datasheet Revision 3.2 17-Jan-2017 CFR0011-120-01 8 of 153 © 2014 Dialog Semiconductor DA14581 Bluetooth Low Energy 4.2 SoC with Optimized Boot Time FINAL 4 System Overview The DA14581 contains the following internal blocks: 4.1 ARM CORTEX M0 CPU The Cortex-M0 processor is a 32-bit Reduced Instruc- tion Set Computing (RISC) processor with a von Neu- mann architecture (single bus interface). It uses an instruction set called Thumb, which was first supported in the ARM7TDMI processor; however, several newer instructions from the ARMv6 architecture and a few instructions from the Thumb-2 technology are also included. Thumb-2 technology extended the previous Thumb instruction set to allow all operations to be car- ried out in one CPU state. The instruction set in Thumb-2 includes both 16-bit and 32-bit instructions; most instructions generated by the C compiler use the 16-bit instructions, and the 32-bit instructions are used when the 16-bit version cannot carry out the required operations. This results in high code density and avoids the overhead of switching between two instruc- tion sets. In total, the Cortex-M0 processor supports only 56 base instructions, although some instructions can have more than one form. Although the instruction set is small, the Cortex-M0 processor is highly capable because the Thumb instruction set is highly optimized. Academically, the Cortex-M0 processor is classified as load-store architecture, as it has separate instructions for reading and writing to memory, and instructions for arithmetic or logical operations that use registers. Features • Thumb instruction set. Highly efficient, high code density and able to execute all Thumb instructions from the ARM7TDMI processor. • High performance. Up to 0.9 DMIPS/MHz (Dhrys- tone 2.1) with fast multiplier. • Built-in Nested Vectored Interrupt Controller (NVIC). This makes interrupt configuration and coding of exception handlers easy. When an interrupt request is taken, the corresponding interrupt handler is exe- cuted automatically without the need to determine the exception vector in software. • Interrupts can have four different programmable pri- ority levels. The NVIC automatically handles nested interrupts. • The design is configured to respond to exceptions (e.g. interrupts) as soon as possible (minimum 16 clock cycles). • Non maskable interrupt (NMI) input for safety critical systems. • Easy to use and C friendly. There are only two modes (Thread mode and Handler mode). The whole application, including exception handlers, can be written in C without any assembler. • Built-in System Tick timer for OS support. A 24-bit timer with a dedicated exception type is included in the architecture, which the OS can use as a tick timer or as a general timer in other applications with- out an OS. • SuperVisor Call (SVC) instruction with a dedicated SVC exception and PendSV (Pendable SuperVisor service) to support various operations in an embed- ded OS. • Architecturally defined sleep modes and instructions to enter sleep. The sleep features allow power con- sumption to be reduced dramatically. Defining sleep modes as an architectural feature makes porting of software easier because sleep is entered by a spe- cific instruction rather than implementation defined control registers. • Fault handling exception to catch various sources of errors in the system. • Support for 24 interrupts. • Little endian memory support. • Wake up Interrupt Controller (WIC) to allow the pro- cessor to be powered down during sleep, while still allowing interrupt sources to wake up the system. • Halt mode debug. Allows the processor activity to stop completely so that register values can be accessed and modified. No overhead in code size and stack memory size. • CoreSight technology. Allows memories and periph- erals to be accessed from the debugger without halt- ing the processor. • Supports Serial Wire Debug (SWD) connections. The serial wire debug protocol can handle the same debug features as the JTAG, but it only requires two wires and is already supported by a number of debug solutions from various tools vendors. • Four (4) hardware breakpoints and two (2) watch points. • Breakpoint instruction support for an unlimited num- ber of software breakpoints. • Programmer’s model similar to the ARM7TDMI pro- cessor. Most existing Thumb code for the ARM7TDMI processor can be reused. This also makes it easy for ARM7TDMI users, as there is no need to learn a new instruction set. 4.2 BLUETOOTH LOW ENERGY 4.2.1 BLE Core The BLE (Bluetooth low energy) core is a qualified Bluetooth baseband controller compatible with the Bluetooth low energy 4.2 specification and it is in charge of packet encoding/decoding and frame sched- uling. Features • All device classes support (Broadcaster, Central, Observer, Peripheral) |
Similar Part No. - DA14581-00AT2 |
|
Similar Description - DA14581-00AT2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |