Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14585 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA14585
Description  Smallest, lowest power and most integrated Bluetooth 5 SoC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14585 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA14585 Datasheet HTML 1Page - Dialog Semiconductor DA14585 Datasheet HTML 2Page - Dialog Semiconductor DA14585 Datasheet HTML 3Page - Dialog Semiconductor DA14585 Datasheet HTML 4Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.dialog-semiconductor.com/bluetoothlowenergy
• Radio transceiver
-
Fully integrated 2.4 GHz CMOS transceiver
-
Single wire antenna: no RF matching or RX/TX switching required
-
Current consumption with supply voltage equal 3 V:
▪ TX: 3.4 mA, RX: 3.7 mA (with ideal DC-DC)
-
+0 dBm transmit output power
- -20 dBm output power in ‘Near Field Mode’
-
-93 dBm receiver sensitivity
• Packages
-
QFN 40 pins, 5 mm x 5 mm x 0.9 mm
-
WLCSP 34 pins, 2.40 mm x 2.66 mm x 0.39 mm
Bluetooth 5.0
Supporting the Bluetooth 5.0 core specification, DA14585 enables new enhanced Bluetooth low
energy functionality ideal for applications such as remote controls, beacons, connected sensors
and innovative medical devices. Among the new features, DA14585 supports Data Packet Length
Extension, Link Layer Privacy v1.2, Secure Connections, Bluetooth low energy Mesh and Efficient
connectable Advertising.
Audio Unit
The integrated Audio Unit (AU) is equipped with a Pulse-Density Modulation (PDM) interface that
can be connected to up to 2 input devices (e.g. MEMS microphones) or output devices, a Pulse-
Code modulation (PCM) controller which provides an up to 192 kHz synchronous interface to
external audio devices, ISDN circuits and serial data interfaces (I2S) and a 24-bit Sample Rate
Converting unit (SRC) used to convert the sampling rate of audio samples between the various
interfaces. PDM and PCM functionality can be mapped to any GPIO through the user programmable
pin logic. An integrated DMA controller handles all data transfers between the AU and the RAM
providing the CPU with the freedom to cope with other tasks.
Enhanced Memory
The DA14585 has a large memory capacity for user applications: 96 kB of Data RAM with retention
capability, 128 kB of ROM and 64 kB of One-Time-Programmable (OTP) memory. The granularity of
the RAM cells (32 kB/16 kB/16 kB/32 kB) allows retaining only the RAM needed and achieves the
minimum power consumption during sleep time.


Similar Part No. - DA14585

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
logo
Dialog Semiconductor
DA14580-01A31 DIALOG-DA14580-01A31 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14580-01A32 DIALOG-DA14580-01A32 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14580-01AT1 DIALOG-DA14580-01AT1 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
More results

Similar Description - DA14585

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14586 DIALOG-DA14586 Datasheet
566Kb / 4P
   Smallest, lowest power and most integrated Bluetooth 5 SoC with integrated Flash
logo
Micrel Semiconductor
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
   Lowest power and smallest programmable jitter attenuator
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
   The most integrated and flexible Bluetooth짰 low energy SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
BK3266 BEKEN-BK3266 Datasheet
483Kb / 28P
   Bluetooth Audio SoC
0.5 11/Apr/2018
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
   Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com