Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14580-01PxAT1 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # DA14580-01PxAT1
Description  Bluetooth Low Energy 4.2 SoC
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580-01PxAT1 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button DA14580-01PxAT1 Datasheet HTML 2Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 3Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 4Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 5Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 6Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 7Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 8Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 9Page - Dialog Semiconductor DA14580-01PxAT1 Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-01
6 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
P3_0
P3_1
P3_2
P3_3
P3_4
P3_5
P3_6
P3_7
DIO
DIO
DIO
DIO
DIO
DIO
DIO
DIO
4.8
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
I-PD
INPUT/OUTPUT with selectable pull up/down resistor. Pull-down
enabled during and after reset. General purpose I/O port bit or
alternate function nodes. Contain state retention mechanism dur-
ing power down.
NOTE: This port is only available on the QFN48 package.
Debug Interface
SWDIO/P1_5
DIO
4.8
I-PU
INPUT/OUTPUT. JTAG Data input/output. Bidirectional data and
control communication. Can also be used as a GPIO
SW_CLK/
P1_4
DIO
4.8
I-PD
INPUT JTAG clock signal. Can also be used as a GPIO
Clocks
XTAL16Mp
AI
INPUT. Crystal input for the 16 MHz XTAL
XTAL16Mm
AO
OUTPUT. Crystal output for the 16 MHz XTAL
XTAL32kp
AI
INPUT. Crystal input for the 32.768 kHz XTAL
XTAL32km
AO
OUTPUT. Crystal output for the 32.768 kHz XTAL
Quadrature Decoder
QD_CHA_X
DI
INPUT. Channel A for the X axis. Mapped on Px ports
QD_CHB_X
DI
INPUT. Channel B for the X axis. Mapped on Px ports
QD_CHA_Y
DI
INPUT. Channel A for the Y axis. Mapped on Px ports
QD_CHB_Y
DI
INPUT. Channel B for the Y axis. Mapped on Px ports
QD_CHA_Z
DI
INPUT. Channel A for the Z axis. Mapped on Px ports
QD_CHB_Z
DI
INPUT. Channel B for the Z axis. Mapped on Px ports
SPI Bus Interface
SPI_CLK
DO
INPUT/OUTPUT. SPI Clock. Mapped on Px ports
SPI_DI
DI
INPUT. SPI Data input. Mapped on Px ports
SPI_DO
DO
OUTPUT. SPI Data output. Mapped on Px ports
SPI_EN
DI
INPUT. SPI Clock enable (active LOW). Mapped on Px ports
I2C Bus Interface
SDA
DIO/DIOD
INPUT/OUTPUT. I2C bus Data with open drain port. Mapped on
Px ports
SCL
DIO/DIOD
INPUT/OUTPUT. I2C bus Clock with open drain port. In open
drain mode, SCL is monitored to support bit stretching by a
slave. Mapped on Px ports.
UART Interface
UTX
DO
OUTPUT. UART transmit data. Mapped on Px ports
URX
DI
INPUT. UART receive data. Mapped on Px ports
URTS
DO
OUTPUT. UART Request to Send. Mapped on Px ports
UCTS
DI
INPUT. UART Clear to Send. Mapped on Px ports
UTX2
DO
OUTPUT. UART 2 transmit data. Mapped on Px ports
URX2
DI
INPUT. UART 2 receive data. Mapped on Px ports
URTS2
DO
OUTPUT. UART 2 Request to Send. Mapped on Px ports
UCTS2
DI
INPUT. UART 2 Clear to Send. Mapped on Px ports
Table 1: Pin Description
Pin Name
Type
Drive
(mA)
Reset
State
Description


Similar Part No. - DA14580-01PxAT1

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
More results

Similar Description - DA14580-01PxAT1

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
   Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com