Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA14580-01PxA32 Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # DA14580-01PxA32
Description  Bluetooth Low Energy 4.2 SoC
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14580-01PxA32 Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button DA14580-01PxA32 Datasheet HTML 6Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 7Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 8Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 9Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 10Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 11Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 12Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 13Page - Dialog Semiconductor DA14580-01PxA32 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 155 page
background image
Datasheet
Revision 3.4
09-Nov-2016
CFR0011-120-00-FM
10 of 155
© 2014 Dialog Semiconductor
DA14580
Bluetooth Low Energy 4.2 SoC
FINAL
• All packet types (Advertising / Data / Control)
• Encryption (AES / CCM)
• Bit stream processing (CRC, Whitening)
• FDMA/TDMA/events formatting and synchronization
• Frequency hopping calculation
• Operating clock 16 MHz or 8 MHz
• Low power modes supporting 32.0 kHz or
32.768 kHz
• Supports power down of the baseband during the
protocol’s idle periods
• AHB Slave interface for register file access
• AHB Slave interface for Exchange Memory access
of CPU via BLE core
• AHB Master interface for direct access of BLE core
to Exchange Memory space
4.2.2 Radio Transceiver
The Radio Transceiver implements the RF part of the
Bluetooth low energy protocol. Together with the Blue-
tooth 4.2 PHY layer, this provides a 93 dB RF link
budget for reliable wireless communication.
All RF blocks are supplied by on-chip low-drop out-reg-
ulators (LDOs). The bias scheme is programmable per
block and optimized for minimum power consumption.
The Bluetooth LE radio comprises the Receiver, Trans-
mitter, Synthesizer, Rx/Tx combiner block, and Biasing
LDOs.
Features
• Single ended RFIO interface, 50
 matched
• Alignment free operation
• -93 dBm receiver sensitivity
• 0 dBm transmit output power
• Ultra low power consumption
• Fast frequency tuning minimizes overhead
4.2.3 SmartSnippets
The DA14580 comes complete with Dialog’s Smart-
Snippets
 Bluetooth Software platform which includes
a qualified Bluetooth Smart single-mode stack on chip.
Numerous Bluetooth Smart profiles for consumer well-
ness, sport, fitness, security and proximity applications
are supplied as standard, while additional customer
profiles can be developed and added as needed.
The SmartSnippets
 software development environ-
ment is based on Keil
’s uVision mature tools and
contains example application code for both embedded
and hosted modes.
Apart from the protocol stack, the Software platform
supports a Hardware Abstraction Layer (HAL) which
enables easy access to peripheral’s features from a
programmer’s point of view, as presented in the follow-
ing figure.
Figure 5: SmartSnippets Stack


Similar Part No. - DA14580-01PxA32

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
Renesas Technology Corp
DA14580 RENESAS-DA14580 Datasheet
237Kb / 8P
   Revision History
07-Jan2022
More results

Similar Description - DA14580-01PxA32

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
   Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
   Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
   Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
   Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
   Bluetooth 4.2 Low Energy Module
07/14/15
logo
Cypress Semiconductor
BCM20732 CYPRESS-BCM20732 Datasheet
4Mb / 3P
   Single-Chip Bluetooth Low Energy-Only SoC
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
   Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
   Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com