Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03KR121-S0AS3 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 03KR121-S0AS3
Description  RPC-3.50 ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

03KR121-S0AS3 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  03KR121-S0AS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 03KR121-S0AS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
RPC-3.50
ADAPTOR
JACK - PLUG
03KR121-S0AS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-23
Mechanically compatible with
RPC-2.92 and SMA
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
CuBe
Gold, min. 1.27 µm, over chemical nickel
Outer contact
Stainless steel
Passivated
Coupling nut
Stainless steel
Passivated
Dielectric
PEEK


Similar Part No. - 03KR121-S0AS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03KR121-SR00S3 ROSENBERGER-03KR121-SR00S3 Datasheet
53Kb / 2P
   RPC-3.50 ADAPTOR
More results

Similar Description - 03KR121-S0AS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03S121-S00S3 ROSENBERGER-03S121-S00S3 Datasheet
64Kb / 2P
   RPC-3.50 ADAPTOR
03K121-K00S3 ROSENBERGER-03K121-K00S3 Datasheet
61Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-SR00S3 ROSENBERGER-03KR121-SR00S3 Datasheet
53Kb / 2P
   RPC-3.50 ADAPTOR
03KR121-K0AS3 ROSENBERGER-03KR121-K0AS3 Datasheet
49Kb / 2P
   RPC-3.50 ADAPTOR
03S121-K00S3 ROSENBERGER-03S121-K00S3 Datasheet
67Kb / 2P
   RPC-3.50 ADAPTOR
03K104-S00S3 ROSENBERGER-03K104-S00S3 Datasheet
82Kb / 2P
   ADAPTOR RPC-3.50 JACK ??RPC-SL PLUG
03K110-S21S3 ROSENBERGER-03K110-S21S3 Datasheet
997Kb / 3P
   Calibration Adaptor RPC-3.50 Jack ??RPC-SP Plug
03S105-S00S3 ROSENBERGER-03S105-S00S3 Datasheet
108Kb / 2P
   ADAPTOR RPC-3.50 PLUG ??RPC-N 50 PLUG
VA26-TP-3.50-60 ROSENBERGER-VA26-TP-3.50-60 Datasheet
93Kb / 2P
   TEST CABLE SET RPC-3.50 / RPC-3.50
VA26-3.50M-3.50F-60 ROSENBERGER-VA26-3.50M-3.50F-60 Datasheet
93Kb / 2P
   TEST CABLE SET RPC-3.50 / RPC-3.50
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com