Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9182DH-12-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI9182DH-12-T1
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9182DH-12-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI9182DH-12-T1 Datasheet HTML 1Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 2Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 3Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 4Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 5Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 6Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 7Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 8Page - Vishay Siliconix SI9182DH-12-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Si9182
Vishay Siliconix
Document Number: 71150
S-41221—Rev. F, 28-Jun-04
www.vishay.com
5
ORDERING INFORMATION
Standard
Part Number
Lead (Pb)-Free
Part Number
Marking
Voltage
Temperature
Range
Package
Si9182DH-12-T1
Si9182DH-12-T1—E3
8212
1.215 V
Si9182DH-15-T1
Si9182DH-15-T1—E3
8215
1.5 V
Si9182DH-18-T1
Si9182DH-18-T1—E3
8218
1.8 V
Si9182DH-20-T1
Si9182DH-20-T1—E3
8220
2.0 V
Si9182DH-25-T1
Si9182DH-25-T1—E3
8225
2.5 V
Si9182DH-28-T1
Si9182DH-28-T1—E3
8228
2.8 V
−40 to 85_C
MSOP-8
Si9182DH-285-T1
Si9182DH-285-T1—E3
822A
2.85 V
−40 to 85_C
MSOP-8
Si9182DH-29-T1
Si9182DH-29-T1—E3
8229
2.9 V
Si9182DH-30-T1
Si9182DH-30-T1—E3
8230
3.0 V
Si9182DH-33-T1
Si9182DH-33-T1—E3
8233
3.3 V
Si9182DH-50-T1
Si9182DH-50-T1—E3
8250
5.0 V
Si9182DH-AD-T1
Si9182DH-AD-T1—E3
82AD
Adjustable
* Additional voltage options are available.
Eval Kit
Temperature Range
Board Type
Si9182DB
−40 to 85_C
Surface Mount
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
0
50
100
150
200
250
0
100
200
300
400
500
Dropout Voltage vs. Load Current
ILOAD (mA)
0
30
60
90
120
150
180
−50
−25
0
25
50
75
100
125
150
Dropout Voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
123
456
Dropout Characteristic
VIN (V)
Junction Temperature (_C)
0
25
50
75
100
125
150
175
200
225
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Dropout Voltage vs. VOUT
VOUT
RLOAD = 16.5 W
IOUT = 0 mA
IOUT = 250 mA
IOUT = 10 mA
IOUT = 200 mA
VOUT = 3.3 V
VOUT = 3.3 V
IOUT = 10 mA
IOUT = 200 mA
IOUT = 250 mA


Similar Part No. - SI9182DH-12-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9182DB VISHAY-SI9182DB Datasheet
59Kb / 9P
   Si9181DB/Si9182DB Demonstration Board
26-Sep-00
More results

Similar Description - SI9182DH-12-T1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. D, 19-Apr-04
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
SI9185 VISHAY-SI9185_V01 Datasheet
189Kb / 13P
   Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset
18-Jul-08
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
   Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
   Micropower 500-mA CMOS LDO Regulator
Rev. B, 06-May-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
ON Semiconductor
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com