Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9130LG Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI9130LG
Description  Pin-Programmable Dual Controller-Portable PCs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9130LG Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI9130LG Datasheet HTML 3Page - Vishay Siliconix SI9130LG Datasheet HTML 4Page - Vishay Siliconix SI9130LG Datasheet HTML 5Page - Vishay Siliconix SI9130LG Datasheet HTML 6Page - Vishay Siliconix SI9130LG Datasheet HTML 7Page - Vishay Siliconix SI9130LG Datasheet HTML 8Page - Vishay Siliconix SI9130LG Datasheet HTML 9Page - Vishay Siliconix SI9130LG Datasheet HTML 10Page - Vishay Siliconix SI9130LG Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CS3
FB3
SS3
SSOP-28
DH3
ON3
LX3
NC
BST3
NC
NC
3.6ADJ
DL3
V+
VL
Top View
25
26
27
28
2
3
4
1
22
23
24
5
6
7
3.45ADJ
FB5
GND
PGND
REF
DL5
SYNC
BST5
SHDN
ON5
SS5
LX5
DH5
CS5
18
19
20
21
9
10
11
8
15
16
17
12
13
14
Si9130
Vishay Siliconix
Document Number: 70190
S-40805—Rev. F, 26-Apr-04
www.vishay.com
7
PIN CONFIGURATION AND DESCRIPTION
Ordering Information
Standard
Part Number
Lead (Pb)-Free
Part Number
Temperature
Range
VOUT
Si9130CG
0 to 70_C
Si9130CG-T1
Si9130CG-T1—E3
0 to 70_C
5 V and 3.3 V
Si9130LG
10 to 90_C
5 V and 3.3 V
3.45 V or 3.6 V
Si9130LG-T1
Si9130LG-T1—E3
−10 to 90_C
Demo Board
Temperature Range
Board Type
Si9130DB
0 to 70_C
Surface Mount
Pin
Symbol
Description
1
CS3
Current-sense input for 3.3-V Buck controller—this pins over current threshold is 100 mV with respect to FB3.
2
SS3
Soft-start input for 3.3 V. Connect capacitor from SS3 to GND.
3
ON3
ON/OFF logic input disables the 3.3-V Buck controller. Connect directly to VL for automatic turn-on.
4
NC
Not internally connected.
5
NC
Not internally connected.
6
NC
Not internally connected.
7
3.6ADJ
Control input to select 3.6-V output. See Voltage Selection Table for input and output combinations.
8
3.45ADJ
Control input to select 3.45-V output. See Voltage Selection Table for input and output combinations.
9
GND
Analog ground.
10
REF
3.3-V reference output. Supplies external loads up to 5 mA.
11
SYNC
Oscillator control/synchronization input. Connect capacitor to GND, 1-mF/mA output or 0.22 mF minimum. For external clock
synchronization, a rising edge starts a new cycle to start. To use internal 200-kHz oscillator, connect to VL or GND. For 300-kHz
oscillator, connect to REF.
12
SHDN
Shutdown logic input, active low. Connect to VL for automatic turn-on. The 5-V VL supply will not be disabled in shutdown allowing
connection to SHDN.
13
ON5
ON/OFF logic input disables the 5-V Buck Controller. Connect to VL for automatic turn-on.
14
SS5
Soft-start control input for 5-V Buck controller. Connect capacitor from SS5 to GND.
15
CS5
Current-sense input for 5-V Buck controller—this pins over current threshold is 100 mV referenced to FB3.
16
DH5
Gate-drive output for the 5-V supply high-side n-channel MOSFET.
17
LX5
Inductor connection for the 5-V supply.
18
BST5
Boost capacitor connection for the 5-V supply.
19
DL5
Gate-drive output for the 5-V supply rectifying n-channel MOSFET.
20
PGND
Power Ground.
21
FB5
Feedback input for the 5-V Buck controller.
22
VL
5-V logic supply voltage for internal circuitry—able to source 5-mA external loads. VL remains on with valid voltage at V+.
23
V+
Supply voltage input.
24
DL3
Gate-drive output for the 3.3-V supply rectifying n-channel MOSFET.
25
BST3
Boost capacitor connection for the 3.3-V supply.
26
LX3
Inductor connection for the 3.3-V supply.
27
DH3
Gate-drive output for the 3.3-V supply high-side n-channel MOSFET.
28
FB3
Feedback input for the 3.3-V Buck controller.


Similar Part No. - SI9130LG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130LG VISHAY-SI9130LG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130LG-T1 VISHAY-SI9130LG-T1 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130LG-T1-E3 VISHAY-SI9130LG-T1-E3 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
More results

Similar Description - SI9130LG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130_11 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
logo
Microchip Technology
PIC14000 MICROCHIP-PIC14000 Datasheet
774Kb / 153P
   28-Pin Programmable Mixed Signal Controller
1996 - 2002
PIC14000-04 MICROCHIP-PIC14000-04 Datasheet
638Kb / 153P
   28-Pin Programmable Mixed Signal Controller
03/01/02
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
   Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
   Portable Pentium Dual Phase Power Supply Controller
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com