Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2001T2DNZ Datasheet(PDF) 3 Page - Rohm

Part # RF2001T2DNZ
Description  Super Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 3 Page - Rohm

  RF2001T2DNZ Datasheet HTML 1Page - Rohm RF2001T2DNZ Datasheet HTML 2Page - Rohm RF2001T2DNZ Datasheet HTML 3Page - Rohm RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF2001T2DNZ
lElectrical Characteristic Curves
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
R
th(j-a)
R
th(j-c)
1
10
100
1000
1
10
100
T
j = 25°C
per diode
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
0
5
10
15
20
25
30
0
25
50
75
100
125
150
D = 0.1
D = 0.2
half sin wave
D = 0.5
D.C.
I
FSM
time
TIME : t(ms)
I
FSM-t CHARACTERISTICS
TIME : t(s)
R
th-t CHARACTERISTICS
AMBIENT TEMPERATURE : T
a(°C)
DERATING CURVE (I
o-Ta)
CASE TEMPERATURE : T
c(°C)
DERATING CURVE (I
o-Tc)
T
T
j=150°C
D=t/T
t
V
R
Io
V
R=VRmax
0A
0V
T
T
j=150°C
D=t/T
t
V
R
Io
V
R=VRmax
0A
0V
3/4
2016.08 - Rev.A


Similar Part No. - RF2001T2DNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2001T2D ROHM-RF2001T2D Datasheet
164Kb / 4P
   Fast recovery diode
RF2001T2D ROHM-RF2001T2D Datasheet
47Kb / 3P
   Fast recovery Diodes (Silicon Epitaxial Planar)
RF2001T2D ROHM-RF2001T2D Datasheet
303Kb / 4P
   Fast recovery diode
RF2001T2D ROHM-RF2001T2D Datasheet
970Kb / 4P
   Fast recovery diode
RF2001T2D ROHM-RF2001T2D Datasheet
314Kb / 7P
   Fast recovery diode
More results

Similar Description - RF2001T2DNZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com