Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16312 Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM16312
Description  VFD CONTROLLER /DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16312 Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM16312 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM16312 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16312 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16312 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16312 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16312 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16312 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
BLOCK DIAGRAM
Serial
Data
I/F
OSC
4bit
Latch
Encoder
Display Memory
16bits*11words
Timing Gen
Key Memory
(4*6)
4bit Latch
Dimming Ckt
16 bit
Latch
11 bit
Shift
Register
Data
Selector
Grid
Driver
Seg/Grid
Driver
Segment
Driver
LED1 ~ LED4
SG1
SG11
SG12/
Grid11
SG16/
Grid7
Grid1
Grid6
S1
S4
K1
K4
4
4
R
VDD
DIN
DOUT
STB
CLK
16
11
5
5
5
6
11
VDD GND VEE
(+5V) (0V) (-30V)
Power Ckt
V.1.2, 8/8/01
SM16312
VFD CONTROLLER
/DRIVER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM16312

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM16 MIC-SM16 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
SM160 RECTRON-SM160 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM160 BYTES-SM160 Datasheet
148Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SM160 DCCOM-SM160 Datasheet
415Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SM160 FORMOSA-SM160 Datasheet
66Kb / 2P
   Silicon epitaxial planer type
More results

Similar Description - SM16312

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
   VFD CONTROLLER/DRIVER
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
logo
New Japan Radio
NJU3421A NJRC-NJU3421A Datasheet
399Kb / 13P
   VFD CONTROLLER DRIVER
logo
Silan Microelectronics ...
SC16311 SILAN-SC16311 Datasheet
119Kb / 13P
   VFD CONTROLLER/DRIVER
SC16313 SILAN-SC16313 Datasheet
215Kb / 9P
   VFD CONTROLLER / DRIVER
logo
New Japan Radio
NJU3423 NJRC-NJU3423 Datasheet
501Kb / 19P
   VFD CONTROLLER DRIVER
NJU3422 NJRC-NJU3422 Datasheet
279Kb / 9P
   VFD CONTROLLER DRIVER
logo
Winbond
W66880CF WINBOND-W66880CF Datasheet
21Kb / 1P
   VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16315S SILAN-SC16315S Datasheet
210Kb / 12P
   VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com