Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0805FB Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # PE-0805FB
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0805FB Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button PE-0805FB Datasheet HTML 5Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 6Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 7Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 8Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 9Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 10Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 11Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 12Page - Pulse A Technitrol Company PE-0805FB Datasheet HTML 13Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
WC706.C (01/16)
www.pulseelectronics.com
FERRITE BEAD EMI SUPPRESSOR
SINGLE TYPE - FB SERIES FOR GENERAL SIGNAL LINE
Electrical Specifications @ 25°C
Part
Number
Impedance
(
Ω)
Tolerance
Test Frequency
(MHz)
DC Resistance
(
Ω) max.
Rated Current (mA)
max.
PE-01005FB100JT
10
±5Ω
100
0.1
540
PE-01005FB700ST
70
±25%
100
0.37
280
PE-01005FB121ST
120
±25%
100
0.53
240
PE-01005FB750STA
75
±25%
100
0.45
260
PE-01005FB121STA
120
±25%
100
0.6
220
PE-0201FB220ST
22
±25%
100
0.065
1000
PE-0201FB330ST
33
±25%
100
0.07
1000
PE-0402FB100XT
0˜15
-
100
0.03
1000
PE-0402FB121ST
120
±25%
100
0.2
550
PE-0402FB601ST
600
±25%
100
0.55
300
PE-0402FB102ST
1000
±25%
100
0.58
300
PE-0603FB121ST
120
±25%
100
0.18
500
PE-0603FB221ST
220
±25%
100
0.25
500
PE-0603FB601ST
600
±25%
100
0.38
500
PE-0603FB102ST
1000
±25%
100
0.5
400
PE-0805FB121ST
120
±25%
100
0.15
800
PE-0805FB601ST
600
±25%
100
0.3
500
PE-0805FB102ST
1000
±25%
100
0.4
500
PE-01005FB/PE-XXXXFB
Mechanicals
Application
Unit: mm
SUGGESTED LAND PATTERN
Signal Line EMI Suppression
Monolithic inorganic material contstruction
Various impedance and frequency application
Industry Standard package
9
B
A
W
Y
X


Similar Part No. - PE-0805FB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805FT102JTT PULSE-PE-0805FT102JTT Datasheet
1Mb / 6P
   Wire Wound
PE-0805FT102KTT PULSE-PE-0805FT102KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
PE-0805FT102KTT PULSE-PE-0805FT102KTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0805FT103JTT PULSE-PE-0805FT103JTT Datasheet
1Mb / 6P
   Wire Wound
PE-0805FT103KTT PULSE-PE-0805FT103KTT Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0805FB

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com