Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-0603FB121ST Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PE-0603FB121ST
Description  CHIP FERRITE BEADS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603FB121ST Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button PE-0603FB121ST Datasheet HTML 2Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 3Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 4Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 5Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 6Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 7Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 8Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 9Page - Pulse A Technitrol Company PE-0603FB121ST Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.pulseelectronics.com
WC706.C (01/16)
Pulse Jack
E l e c t r o n i c s
CHIP FERRITE BEADS
6.1 Lead Free Solder re-flow
Recommended temperature profiles for lead free re-flow soldering in Figure 1. Reflow times: 3 times max
Pre-heating
SolderingNatural Cooling
TP (260 C/ 10s max.)
60~150s
tp (245 C/ 20~40s.)
60~180s
480s max.
TIME( sec.)
217
200
150
Figure 1
6.2 Solder Iron
Products attachment with a soldering iron is discouraged due to the inherent process control limitations. If a
soldering iron must be employed the following precautions are recommended. For Iron Soldering in Figure 2.
Figure 2(1 time max)
350
150
TIME( sec.)
Gradual Cooling
Over 60s
Within 4~5s
Pre-heatingSoldering
Natural Cooling
• Preheat circuit and products to 150�C
• 350�C tip temperature (max)
• Never contact the ceramic with
the iron flip
• 1.00mm tip diameter (max)
• Use a 20 watt soldering iron
with tip diameter of 1.0mm
• Limited soldering time to
4~5sec
6.3 Solder Volume
Accordingly increasing the solder volume, the mechanical
stress to product is also increased. Exceeding solder
volume may cause the failure of mechanical or electrical
performance. Solder shall be used not to be exceed as
shown in the right side:
Minimum fillet height = soldering thickness + 25% product
height
6


Similar Part No. - PE-0603FB121ST

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0603FT121GTG PULSE-PE-0603FT121GTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121GTS PULSE-PE-0603FT121GTS Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121GTT PULSE-PE-0603FT121GTT Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121JTG PULSE-PE-0603FT121JTG Datasheet
2Mb / 28P
   RF Chip Inductors
PE-0603FT121JTS PULSE-PE-0603FT121JTS Datasheet
2Mb / 28P
   RF Chip Inductors
More results

Similar Description - PE-0603FB121ST

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com